Electronic Components Datasheet Search
  English  ▼

X  

PL0501 Datasheet(PDF) 5 Page - Power IC Ltd.

Part # PL0501
Description  500mA Low-Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0501 Datasheet(HTML) 5 Page - Power IC Ltd.

  PL0501 Datasheet HTML 1Page - Power IC Ltd. PL0501 Datasheet HTML 2Page - Power IC Ltd. PL0501 Datasheet HTML 3Page - Power IC Ltd. PL0501 Datasheet HTML 4Page - Power IC Ltd. PL0501 Datasheet HTML 5Page - Power IC Ltd. PL0501 Datasheet HTML 6Page - Power IC Ltd. PL0501 Datasheet HTML 7Page - Power IC Ltd. PL0501 Datasheet HTML 8Page - Power IC Ltd. PL0501 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OVER TEMPERATURE PROTECTION
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Thermal Shutdown Temperature
PL0501
165
°C
Thermal Shutdown Hysteresis
20
°C
ENABLE INPUT
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Logic Input High Voltage
1.2
V
VIL
Logic Input Low Voltage
0.4
V
IEN
Logic Input Current
-1
1
µA
Shutdown Exit Delay
VEN = 0 to 5.5V, CBYP =
10nF, COUT = 1µF
90
µS
Note 1: The Dropout Voltage is defined as VIN - VOUT, when VIN = VOUT ( NOM )
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com