Electronic Components Datasheet Search
  English  ▼

X  

PL0501 Datasheet(PDF) 7 Page - Power IC Ltd.

Part # PL0501
Description  500mA Low-Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0501 Datasheet(HTML) 7 Page - Power IC Ltd.

Back Button PL0501 Datasheet HTML 2Page - Power IC Ltd. PL0501 Datasheet HTML 3Page - Power IC Ltd. PL0501 Datasheet HTML 4Page - Power IC Ltd. PL0501 Datasheet HTML 5Page - Power IC Ltd. PL0501 Datasheet HTML 6Page - Power IC Ltd. PL0501 Datasheet HTML 7Page - Power IC Ltd. PL0501 Datasheet HTML 8Page - Power IC Ltd. PL0501 Datasheet HTML 9Page - Power IC Ltd. PL0501 Datasheet HTML 10Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
OPERATION
PL0501
The
PL0501 is an ultra-low-noise, low-dropout, low-
quiescent current linear regulator designed for space-
restricted applications. It is available with preset output
voltages ranging from 1.5V to 5.0V in 100mV increments.
It can supply loads of up to 500mA. As shown in the
Block Diagram, the
PL0501 consists of a highly accurate
band gap core, noise bypass circuit, error amplifier, P-
channel pass transistor and an internal feedback voltage
divider. The
PL0501 allows for an adjustable output with
an external feedback network. The 1.0V band gap
reference is connected to the error amplifier’s inverting
input. The error amplifier compares this reference with
the feedback voltage and amplifies the difference. If the
feedback voltage is lower than the reference voltage, the
pass transistor gate is pulled low. This allows more
current to pass to the output and increases the output
voltage. If the feedback voltage is too high, the pass
transistor gate is pulled high, allowing less current to
pass to the output. The output voltage is fed back
through an internal resistor voltage-divider connected to
the OUT pin. An external bypass capacitor connected to
BYP (
PL0501-BYP) reduces the noise at the output.
Additional blocks include a current limiter, over
temperature protection and shutdown logic.
Internal P-Channel Pass Transistor
The
PL0501 features a 1Ω (typical) P-channel MOSFET
pass transistor. This provides several advantages over
similar designs using a PNP pass transistor, including
longer battery life. The P-channel MOSFET requires no
base drive, which considerably reduces the quiescent
current. PNP-based regulators waste considerable current
in dropout when the pass transistor saturates. They also
use high base-drive current under heavy loads.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
7
The
PL0501 does not suffer from these problems and
consumes only 90
μA of quiescent current.
Output Voltage Selection
The
PL0501 is supplied with factory-set output voltages
from 1.5V to 5.0V, in 100mV increments. The
PL0501
features a user-adjustable output through an external
feedback network (see Typical Application).
To set the output of the
PL0501, use the following
equation:
VOUT = VREF × [1 + (R1/R2)]
Where
R2 is chosen to be less than 240K
Ω
and VREF = 1.0V. Use 1% or better
resistors.
Current Limit
The
PL0501 includes a current limiter. It monitors the
output current and controls the pass transistor’s gate
voltage to limit the output current under 1500mA
(typical). The output can be shorted to ground for an
indefinite amount of time without damaging the part.
The short circuit current limit is increased to
approximately 1500mA (typical) when the output voltage
is within 10% of the nominal output, thus improving the
performance of large pulsating loads. The in-regulation
current limit option provides the user to overload the
device, maintaining a continuous 500mA (RMS) load.
Enable Input
The
PL0501 features an active-high Enable input (EN)
pin that allows on/off control of the regulator. The
PL0501 bias current reduces to ZERO (leakage current)
when it goes into shutdown. The Enable input is
TTL/CMOS compatible for simple logic interfacing. When
EN is ‘H,’ the output voltage startup rising time is typically
25µs. Connect EN pin to IN pin for normal operation.
Power Good Flag
The
PL0501 features a Power Good flag (PGD), which
monitors the output voltage and signals an error
condition when the output voltage drops 10% below its
nominal value.
Under Voltage Lockout
When the input supply goes too low (typically below
2.0V), the
PL0501 produces an internal UVLO (Under
Voltage Lockout) signal that generates a fault signal and
shuts down the chip. This mechanism protects the chip
from producing false logic due to low input supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com