Electronic Components Datasheet Search
  English  ▼

X  

PL0501 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PL0501
Description  500mA Low-Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0501 Datasheet(HTML) 1 Page - Power IC Ltd.

  PL0501 Datasheet HTML 1Page - Power IC Ltd. PL0501 Datasheet HTML 2Page - Power IC Ltd. PL0501 Datasheet HTML 3Page - Power IC Ltd. PL0501 Datasheet HTML 4Page - Power IC Ltd. PL0501 Datasheet HTML 5Page - Power IC Ltd. PL0501 Datasheet HTML 6Page - Power IC Ltd. PL0501 Datasheet HTML 7Page - Power IC Ltd. PL0501 Datasheet HTML 8Page - Power IC Ltd. PL0501 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
500mA high accuracy LDO
Output voltage accuracy: ±1%
Ultra low output noise 150
μVRMS
Very low dropout: 175mV @ 500mA
Zero shutdown supply current
TTL-logic-controlled enable input
Thermal and current limit protections
Ultra low droop load transient response
Ultra fast line transient response
Very small ( 1.2mm
× 1.2mm × 0.6mm )
USP-3L package
APPLICATIONS
Cellular and cordless phones
PDAs
Battery powered portable equipment
Notebook computers
PC peripherals
Wireless LAN cards
MP3 / MP4 / CD Players
Digital camera
USB Hubs, USB 2.0
Mini PCI & PCI express cards
DESCRIPTION
The PL0501 is a CMOS low dropout linear regulator
with ultra-low-noise output, very low dropout
voltage and very low ground current.
The PL0501 operates from a 2.5V to 5.5V input
voltage range and delivers up to 500mA, with low
dropout of 175mV at 500mA. Other features of the
PL0501 include short-circuit protection and thermal-
shutdown protection.
The PL0501 is designed especially for high powered
portable devices. Its unique CMOS design offers
excellent transient response with very low ground
current.
Other key application areas for the PL0501 include
handheld computers, PCMCIA cards and WLAN
cards.
The PL0501 is available in USP-3L package.
TYPICAL APPLICATION CIRCUIT
500mA Low-Dropout
Linear Regulator
PL0501
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PL0501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL05 ETC1-PL05 Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL05 EDI-PL05 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
II-VI Marlow, Inc.
PL054-6-40 VIMARLOW-PL054-6-40 Datasheet
156Kb / 2P
Single-Stage Thermoelectric Cooler RoHS EU Compliant
PL054-6-40-01 VIMARLOW-PL054-6-40-01 Datasheet
156Kb / 2P
Single-Stage Thermoelectric Cooler RoHS EU Compliant
PL054-6-40-01L VIMARLOW-PL054-6-40-01L Datasheet
156Kb / 2P
Single-Stage Thermoelectric Cooler RoHS EU Compliant
More results

Similar Description - PL0501

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com