Electronic Components Datasheet Search
  English  ▼

X  

TC1017 Datasheet(PDF) 20 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 16Page - Microchip Technology TC1017 Datasheet HTML 17Page - Microchip Technology TC1017 Datasheet HTML 18Page - Microchip Technology TC1017 Datasheet HTML 19Page - Microchip Technology TC1017 Datasheet HTML 20Page - Microchip Technology TC1017 Datasheet HTML 21Page - Microchip Technology TC1017 Datasheet HTML 22Page - Microchip Technology TC1017 Datasheet HTML 23Page - Microchip Technology TC1017 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TC1017
DS20001813G-page 20
 2005-2023 Microchip Technology Inc. and its subsidiaries
Microchip Technology Drawing C04-091-C7X Rev H Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
c
L
L1
VIEW A-A
SHEET 1
5-Lead Plastic Small Outline Transistor (C7X) [SOT-23]
protrusions shall not exceed 0.25mm per side.
1.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
2.
Foot Angle
Number of Pins
Pitch
Outside lead pitch
Overall Height
Molded Package Thickness
Standoff
Overall Width
Molded Package Width
Overall Length
Foot Length
Footprint
Lead Thickness
Lead Width
Notes:
L1
b
c
Dimension Limits
E
E1
D
L
e1
A
A2
A1
Units
N
e
0°
0.08
0.20
-
-
-
10°
0.26
0.51
MILLIMETERS
0.95 BSC
1.90 BSC
0.30
0.90
0.89
-
0.60 REF
2.90 BSC
-
2.80 BSC
1.60 BSC
-
-
-
MIN
5
NOM
1.45
1.30
0.15
0.60
MAX
REF: Reference Dimension, usually without tolerance, for information purposes only.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
Dimensioning and tolerancing per ASME Y14.5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com