Electronic Components Datasheet Search
  English  ▼

X  

TC1017 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 5 Page - Microchip Technology

  TC1017 Datasheet HTML 1Page - Microchip Technology TC1017 Datasheet HTML 2Page - Microchip Technology TC1017 Datasheet HTML 3Page - Microchip Technology TC1017 Datasheet HTML 4Page - Microchip Technology TC1017 Datasheet HTML 5Page - Microchip Technology TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2005-2023 Microchip Technology Inc. and its subsidiaries
DS20001813G-page 5
TC1017
Note: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
Dropout Voltage vs. Output
Current.
FIGURE 2-8:
Load Regulation vs.
Temperature.
FIGURE 2-9:
Supply Current vs.
Temperature.
FIGURE 2-10:
Dropout Voltage vs.
Temperature.
FIGURE 2-11:
Supply Current vs. Input
Voltage.
FIGURE 2-12:
Output Voltage vs. Supply
Voltage.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
25
50
75
100
125
150
Load Current (mA)
VOUT = 3.30V
TA = +125°C
TA = +25°C
TA = -40°C
-0.70
-0.65
-0.60
-0.55
-0.50
-0.45
-0.40
-0.35
-0.30
-40
-15
10
35
60
85
110
Temperature (°C)
VOUT = 3.30V
IOUT = 0-150 mA
VIN = 6.0V
VIN = 4.0V
VIN = 4.3V
52
53
54
55
56
57
58
59
60
-40
-15
10
35
60
85
110
Temperature (°C)
VOUT = 3.30V
VIN = 4.0V
VIN = 4.3V
VIN = 6.0V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40
-15
10
35
60
85
110
Temperature (°C)
VOUT = 3.30V
IOUT = 150 mA
IOUT = 100 mA
IOUT = 50 mA
52
53
54
55
56
57
58
59
60
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
TA = +125°C
TA = +25°C
TA = -40°C
VOUT = 3.30V
2.862
2.863
2.864
2.865
2.866
2.867
2.868
2.869
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
Input Voltage (V)
VOUT = 2.85V
TA = -40°C
TA = +25°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com