Electronic Components Datasheet Search
  English  ▼

X  

TC1017 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 4 Page - Microchip Technology

  TC1017 Datasheet HTML 1Page - Microchip Technology TC1017 Datasheet HTML 2Page - Microchip Technology TC1017 Datasheet HTML 3Page - Microchip Technology TC1017 Datasheet HTML 4Page - Microchip Technology TC1017 Datasheet HTML 5Page - Microchip Technology TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC1017
DS20001813G-page 4
 2005-2023 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Dropout Voltage vs. Output
Current.
FIGURE 2-2:
Load Regulation vs.
Temperature.
FIGURE 2-3:
Supply Current vs. Input
Voltage.
FIGURE 2-4:
Dropout Voltage vs.
Temperature.
FIGURE 2-5:
Short-Circuit Current vs.
Input Voltage.
FIGURE 2-6:
Supply Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
25
50
75
100
125
150
Load Current (mA)
TA = +125°C
TA = +25°C
TA = -40°C
VOUT = 2.85V
-0.70
-0.65
-0.60
-0.55
-0.50
-0.45
-0.40
-0.35
-0.30
-40
-15
10
35
60
85
110
Temperature (°C)
VOUT = 2.85V
IOUT = 0-150 mA
VIN = 6.0V
VIN = 3.85V
VIN = 3.3V
50
51
52
53
54
55
56
57
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
TA = -40°C
TA = +25°C
TA = +125°C
VOUT = 2.85V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40
-15
10
35
60
85
110
Temperature (°C)
IOUT = 50 mA
IOUT = 100 mA
IOUT = 150 mA
VOUT = 2.85V
0
20
40
60
80
100
120
140
160
1234
56
Input Voltage (V)
VOUT = 2.85V
50
51
52
53
54
55
56
57
-40
-15
10
35
60
85
110
Temperature (°C)
VIN = 6.0V
VIN = 3.85V
VIN = 3.3V
VOUT = 2.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com