Electronic Components Datasheet Search
  English  ▼

X  

TC1017 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 2Page - Microchip Technology TC1017 Datasheet HTML 3Page - Microchip Technology TC1017 Datasheet HTML 4Page - Microchip Technology TC1017 Datasheet HTML 5Page - Microchip Technology TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology TC1017 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TC1017
DS20001813G-page 6
 2005-2023 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-13:
Output Voltage vs. Output
Current.
FIGURE 2-14:
Shutdown Current vs. Input
Voltage.
FIGURE 2-15:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-16:
Output Voltage vs.
Temperature.
FIGURE 2-17:
Output Noise vs. Frequency.
FIGURE 2-18:
Power Supply Rejection
Ratio vs. Frequency.
2.854
2.856
2.858
2.860
2.862
2.864
2.866
2.868
2.870
0
25
50
75
100
125
150
Load Current (mA)
VIN = 3.85V
VIN = 6.0V
VOUT = 2.85V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
TA = +25°C
TA = +125°C
VOUT = 2.85V
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VINDC = 3.85V
VINAC = 100 mVp-p
VOUTDC = 2.85V
IOUT = 100 μA
COUT =1 μFX7R Ceramic
2.862
2.863
2.864
2.865
2.866
2.867
2.868
2.869
-40
-15
10
35
60
85
110
Temperature (°C)
VIN = 3.3V
VIN= 3.85V
VIN = 6.0V
VOUT = 2.85V
0.01
0.1
1
10
100
10
100
1000
10000
100000 1000000
Frequency (Hz)
VIN = 3.85V
VOUT = 2.85V
CIN = 1 µF
COUT = 1 µF
IOUT = 40 mA
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VINDC = 3.85V
VINAC = 100 mVp-p
VOUTDC = 2.85V
IOUT =1mA
COUT =1 μFX7R Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com