Electronic Components Datasheet Search
  English  ▼

X  

TC1017 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 12Page - Microchip Technology TC1017 Datasheet HTML 13Page - Microchip Technology TC1017 Datasheet HTML 14Page - Microchip Technology TC1017 Datasheet HTML 15Page - Microchip Technology TC1017 Datasheet HTML 16Page - Microchip Technology TC1017 Datasheet HTML 17Page - Microchip Technology TC1017 Datasheet HTML 18Page - Microchip Technology TC1017 Datasheet HTML 19Page - Microchip Technology TC1017 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC1017
DS20001813G-page 16
 2005-2023 Microchip Technology Inc. and its subsidiaries
0.15 C
0.15 C
0.10
C A B
C
SEATING
PLANE
1
3
4
2X
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-061-LT Rev E Sheet 1 of 2
2X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
5-Lead Plastic Small Outline Transistor (LT) [SC70]
D
E
E1
e
e
5X b
0.30 C
5X TIPS
END VIEW
B
A
N
A
A1
A2
L
c
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28