Electronic Components Datasheet Search
  English  ▼

X  

TC1262 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 2 Page - Microchip Technology

  TC1262 Datasheet HTML 1Page - Microchip Technology TC1262 Datasheet HTML 2Page - Microchip Technology TC1262 Datasheet HTML 3Page - Microchip Technology TC1262 Datasheet HTML 4Page - Microchip Technology TC1262 Datasheet HTML 5Page - Microchip Technology TC1262 Datasheet HTML 6Page - Microchip Technology TC1262 Datasheet HTML 7Page - Microchip Technology TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1262
DS20001373D-page 2
 2002-2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage ..............................................................................................................................................................6.5V
Output Voltage ......................................................................................................................(VSS – 0.3V) to (VIN +0.3V)
Power Dissipation.................................................................................................................... Internally Limited (Note 6)
Maximum Voltage on Any Pin .............................................................................................................VIN + 0.3V to -0.3V
Operating Temperature Range........................................................................................................... -40°C < TJ < 125°C
Storage Temperature...............................................................................................................................-65°C to +150°C
ESD Protection on all pins(1):
HBM ......................................................................................................................................................................±4000V
MM ..........................................................................................................................................................................±200V
CDM ......................................................................................................................................................................±2000V
Note 1: Testing was performed per AEC-Q100 Standards. ESD CDM was tested on the 3L TO-220 package. For
additional information please contact your local Microchip sales office.
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. These are stress ratings only and functional operation of the device at these or any other
conditions above those indicated in the operation sections of the specifications is not implied. Exposure to
Absolute Maximum Rating conditions for extended periods may affect device reliability.
TC1262 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN =VOUT +1V, IL = 100 μA, CL =3.3 μF, TA = 25°C, unless otherwise noted. Boldface type
specifications apply for junction temperatures of -40°C to +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Operating Voltage
VIN
2.7
—
6.0
V
Note 7
Maximum Output Current
IOUTMAX
500
——
mA
Output Voltage
VOUT
—
VR –2.5%
VR ±0.5%
—
—
VR +2.5%
V
Note 1
VOUT Temperature Coefficient
VOUT/T
—
40
—
ppm/°C Note 2
Line Regulation
VOUT/VIN
—.003
0.35
%(VR +1V)  VIN  6V,
IOUT =0.1 mA
Load Regulation
(
VOUT/VOUT)/
IOUTMAX
—
0.002
0.01
%/mA
IL = 0.1 mA to IOUTMAX (Note 3)
Dropout Voltage
VIN-VOUT
—
—
—
20
60
200
350
30
130
390
650
mV
IL =100 μA
IL =100 mA
IL =300 mA
IL =500 mA (Note 4)
Supply Current
IDD
—80
130
µA
IL =0
Power Supply Rejection Ratio
PSRR
—
64
—
dB
FRE  1kHz
Output Short Circuit Current
IOUTSC
—1200
—
mA
VOUT =0V
Thermal Regulation
VOUT/PD
—0.04
—
V/W
Note 5
Output Noise
eN
—
260
—
nV/
Hz IL = IOUTMAX, FRE =10kHz
Note
1:
VR is the regulator output voltage setting.
2:
3:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range
from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a
1V differential.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the maximum allowable power dissipation causes the device to initi-
ate thermal shutdown. Please see Section 4.0 “Thermal Considerations” for more details.
7:
The minimum VIN has to justify the conditions: VIN  VR +VDROPOUT and VIN  2.7V for IL = 0.1 mA to IOUTMAX.
TC VOUT = (VOUTMAX – VOUTMIN) x 106
VOUT x T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com