Electronic Components Datasheet Search
  English  ▼

X  

TC1262 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology TC1262 Datasheet HTML 10Page - Microchip Technology TC1262 Datasheet HTML 11Page - Microchip Technology TC1262 Datasheet HTML 12Page - Microchip Technology TC1262 Datasheet HTML 13Page - Microchip Technology TC1262 Datasheet HTML 14Page - Microchip Technology TC1262 Datasheet HTML 15Page - Microchip Technology TC1262 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TC1262
DS20001373D-page 12
 2002-2023 Microchip Technology Inc. and its subsidiaries
Microchip Technology Drawing C04-032 Rev D Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
3-Lead Plastic Small Outline Transistor (DB) [SOT-223]
(DATUM B)
(DATUM A)
SIDE VIEW
0.08 C
A2
4X
A1
B
A
TOP VIEW
E
A
D
b2
0.15
C A
C
SEATING
PLANE
A
E1
e1
e
3x b2
0.10
C A
VIEW A-A
L
H
12
3
c
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com