Electronic Components Datasheet Search
  English  ▼

X  

TC1262 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1262 Datasheet HTML 7Page - Microchip Technology TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology TC1262 Datasheet HTML 10Page - Microchip Technology TC1262 Datasheet HTML 11Page - Microchip Technology TC1262 Datasheet HTML 12Page - Microchip Technology TC1262 Datasheet HTML 13Page - Microchip Technology TC1262 Datasheet HTML 14Page - Microchip Technology TC1262 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2002-2023 Microchip Technology Inc. and its subsidiaries
DS20001373D-page 11
TC1262
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-034-AB Rev C Sheet 2 of 2
3-Lead Transistor Outline Package (AB) - [TO-220]
e
N
2.54 BSC
3
Units
Dimension Limits
MILLIMETERS
MIN
NOM
MAX
Mounting Hole Diameter
Terminal Shoulder Length
Terminal Length
Tab Length
Body Width
Exposed Pad Width
Exposed Pad Width
Overall Width
Exposed Pad Length
Molded Package Length
Overall Length
Terminal Thickness
Shoulder Width
Terminal Width
Base to Lead
Tab Thickness
Overall Height
Terminal Pitch
Number of Terminals
A
A1
A2
b
b2
c
D
D1
D2
E
U
E1
E2
H1
L
L1
P
Q
4.064
1.143
2.032
0.635
1.143
0.305
13.730
8.850
9.652
6.858
9.779
5.842
12.700
3.050
3.708
2.540
4.445
1.270
2.540
0.826
1.334
0.432
14.730
9.000
12.6 REF
10.160
6.35 REF
7.874
10.224
6.350
13.716
3.455
3.835
2.794
4.826
1.397
3.048
1.016
1.524
0.559
15.730
9.150
10.668
8.890
10.668
6.858
14.732
3.860
3.962
3.048
Mounting Hole Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com