Electronic Components Datasheet Search
  English  ▼

X  

TC1262 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC1262 Datasheet HTML 12Page - Microchip Technology TC1262 Datasheet HTML 13Page - Microchip Technology TC1262 Datasheet HTML 14Page - Microchip Technology TC1262 Datasheet HTML 15Page - Microchip Technology TC1262 Datasheet HTML 16Page - Microchip Technology TC1262 Datasheet HTML 17Page - Microchip Technology TC1262 Datasheet HTML 18Page - Microchip Technology TC1262 Datasheet HTML 19Page - Microchip Technology TC1262 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002-2023 Microchip Technology Inc. and its subsidiaries
DS20001373D-page 17
TC1262
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1262:
500 mA Fixed Output CMOS LDO
Output Voltage:
2.5 = 2.5V
2.8 = 2.8V
3.0 = 3.0V
3.3 = 3.3V
5.0 = 5.0V
Temperature Range:
V
= -40° C to +125° C
Package:
EB
= Double Deca-Watt Package (DDPAK),
3-lead,
DB
= Plastic Small Outline Transistor (SOT-223),
3-lead
AB
= Transistor Outline (TO-220), 3-lead
Tape and Reel Option: Blank = Tube
TR
= Tape and Reel
Qualification*:
Blank = Standard Part
VAO
= AEC-Q100 Automotive Qualified
*Contact your local Microchip sales office to
request automotive qualified part variants.
PART NO.
-X.X
X
Temperature
Output
Voltage
Device
Examples:
a) TC1262-2.5VEB:
2.5V, -40° C to +125° C,
DDPAK package
b) TC1262-2.8VDB:
2.8V, -40° C to +125° C,
SOT-223 package
c) TC1262-3.0VAB:
3.0V, -40° C to +125°C,
TO-220 package
d) TC1262-3.3VEBTR:
Tape and Reel, 3.3V,
-40° C to +125°C,
DDPAK package
e) TC1262-5.0VDBTR:
Tape and Reel, 5.0V,
-40° C to +125° C,
SOT-223 package
f) TC1262-3.3VABTR-VAO**: Tape and Reel, 3.3V,
-40° C to +125° C,
TO-220 package,
AEC-Q100 Automotive
Qualified.
Range
XX
Package
-XXX
Qual.
XX(1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog
part
number
description.
This
identifier is used for ordering purposes and is
not printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
**
Example of automotive part that can be set up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com