Electronic Components Datasheet Search
  English  ▼

X  

TC1262 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 4 Page - Microchip Technology

  TC1262 Datasheet HTML 1Page - Microchip Technology TC1262 Datasheet HTML 2Page - Microchip Technology TC1262 Datasheet HTML 3Page - Microchip Technology TC1262 Datasheet HTML 4Page - Microchip Technology TC1262 Datasheet HTML 5Page - Microchip Technology TC1262 Datasheet HTML 6Page - Microchip Technology TC1262 Datasheet HTML 7Page - Microchip Technology TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC1262
DS20001373D-page 4
 2002-2023 Microchip Technology Inc. and its subsidiaries
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 4-1:
The
maximum
allowable
power
dissipation
(Equation 4-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJ
MAX) and the thermal resistance from
junction-to-air (
JA).
EQUATION 4-2:
Table 4-1 and Table 4-2 show various values of
JA for
the TC1262 packages.
TABLE 4-1:
THERMAL RESISTANCE
GUIDELINES FOR TC1262 IN
SOT-223 PACKAGE
*Tab of device attached to topside copper
TABLE 4-2:
THERMAL RESISTANCE
GUIDELINES FOR TC1262 IN
3-PIN DDPAK/TO-220
PACKAGE
*Tab of device attached to topside copper
Equation 4-1 can be used in conjunction with
Equation 4-2 to ensure regulator thermal operation is
within limits. For example:
Given:
VINMAX
= 3.3V ± 10%
VOUTMIN = 2.7V ± 0.5%
ILOADMAX = 275 mA
TJMAX
= 125°C
TAMAX
= 95°C
JA
= 59°C/W (SOT-223)
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD  (VINMAX –VOUTMIN)ILOADMAX
= [(3.3 x 1.1) – (2.7 x .995)]275 x 10–3
= 260 mW
Maximum allowable power dissipation:
In this example, the TC1262 dissipates a maximum of
260 mW; below the allowable limit of 508 mW. In a
similar manner, Equation 4-1 and Equation 4-2 can be
used to calculate maximum current and/or input
voltage limits. For example, the maximum allowable
VIN, is found by substituting the maximum allowable
power dissipation of 508 mW into Equation 4-1, from
which VINMAX =4.6V.
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board
Area
Thermal
Resistance
JA)
2500 sq mm 2500 sq mm 2500 sq mm
45°C/W
1000 sq mm 2500 sq mm 2500 sq mm
45°C/W
225 sq mm
2500 sq mm 2500 sq mm
53°C/W
100 sq mm
2500 sq mm 2500 sq mm
59°C/W
1000 sq mm 1000 sq mm 1000 sq mm
52°C/W
1000 sq mm
0 sq mm
1000 sq mm
55°C/W
Where:
PD
= Worst case actual power dissipation
VINMAX
= Maximum voltage on VIN
VOUTMIN = Minimum output voltage
ILOADMAX = Maximum output (load) current
PD
VINMAX VOUTMIN
–
 I
LOADMAX
PDMAX
TJMAX TAMAX
–

JA
--------------------------------------
=
Where all terms are previously defined.
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board
Area
Thermal
Resistance
JA)
2500 sq mm 2500 sq mm 2500 sq mm
25°C/W
1000 sq mm 2500 sq mm 2500 sq mm
27°C/W
125sqmm
2500sqmm 2500 sq mm
35°C/W
PDMAX
TJMAX TAMAX
–

JA
--------------------------------------
=
125 95
–

59
-------------------------
=
508mW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com