Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 30Page - Analog Devices ADP1763 Datasheet HTML 31Page - Analog Devices ADP1763 Datasheet HTML 32Page - Analog Devices ADP1763 Datasheet HTML 33Page - Analog Devices ADP1763 Datasheet HTML 34Page - Analog Devices ADP1763 Datasheet HTML 35Page - Analog Devices ADP1763 Datasheet HTML 36Page - Analog Devices ADP1763 Datasheet HTML 37Page - Analog Devices ADP1763 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
34 of 62
Figure 84. Ceramic Capacitor DC Bias Characteristics
Figure 85. Ceramic Capacitor Temperature Characteristics
The X5R and X7R dielectrics result in more stable characteristics and thus are more suitable for the LT3074. The X7R
dielectric has better stability across temperature, while the X5R is less expensive and is available in higher values.
Nonetheless, care must still be exercised when using X5R and X7R capacitors. The X5R and X7R codes only specify
operating temperature range and the maximum capacitance change over temperature. While capacitance changes
due to DC bias for X5R and X7R is better than Y5V and Z5U dielectrics, it can still be significant enough to drop the
capacitance below sufficient levels. As shown in Figure 86, capacitor DC bias characteristics tend to improve as
component case size increases. However, verification of expected capacitance at the operating voltage is highly
recommended. Due to its good voltage coefficient in small case sizes, Analog Devices recommends using the Murata
GCM series ceramic capacitors.
Figure 86. Capacitor Voltage Coefficient for Different Case Sizes
In addition to DC bias and temperature variation noted above, variation in effective capacitance with applied AC
voltage needs to be considered as well. Ceramic capacitors are typically specified for an AC ripple of 1V. Effective
capacitance decreases with lower AC ripple voltages. Effective capacitance decreases by 30% or more with the very
low AC ripple at the output of the LT3074. Contact the respective ceramic capacitor vendor for more information on
temperature, DC bias voltage, and AC ripple voltage effects when selecting a capacitor to meet the minimum
capacitance requirements of the LT3074.
DC BIAS VOLTAGE (V)
0
–100
–80
–60
–40
–20
0
2
4
6
8
10
12
14
16
X5R
Y5V
BOTH CAPACITORS ARE 16V
1210 CASE SIZE, 10µF
TEMPERATURE (°C)
–100
–80
–60
–40
–20
20
0
5
25
–15
–35
–55
45
65
85
X5R
Y5V
BOTH CAPACITORS ARE 25V
1210 CASE SIZE, 10µF
DC BIAS (V)
0
–100
–80
–60
–40
–20
20
0
5
10
15
20
25
MURATA: 25V, 10%
X7R/X7S, 10µF CERAMIC
GRM SERIES, 0805, 1.45mm THICK
GRM SERIES, 1206, 1.8mm THICK
GRM SERIES, 1210, 2.2mm THICK
GRM SERIES, 1206, 1.9mm THICK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com