Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 22Page - Analog Devices ADP1763 Datasheet HTML 23Page - Analog Devices ADP1763 Datasheet HTML 24Page - Analog Devices ADP1763 Datasheet HTML 25Page - Analog Devices ADP1763 Datasheet HTML 26Page - Analog Devices ADP1763 Datasheet HTML 27Page - Analog Devices ADP1763 Datasheet HTML 28Page - Analog Devices ADP1763 Datasheet HTML 29Page - Analog Devices ADP1763 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
26 of 62
Figure 70. Integrated RMS Noise (10Hz to 100kHz)
Figure 71. Output Noise (10Hz to 100kHz)
Figure 72. Output Noise (0.1Hz to 10Hz)
Figure 73. Startup Time
Figure 74. Load Transient Response
Figure 75. Load Transient Response
VIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
COUT = 22µF
ILOAD = 3A
SETCAP PIN CAPACITANCE (µF)
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN = 1.3V
VOUT = 1V
CSETCAP = 4.7µF
COUT = 22µF
ILOAD = 3A
1ms/DIV
5µV/DIV
1s/DIV
5µV/DIV
VIN = 1.3V
VOUT = 1V
CSETCAP = 4.7µF
COUT = 22µF
ILOAD = 3A
0.1
1
CSETCAP (µF)
10
100
12.0
10.8
9.6
8.4
7.2
6.0
4.8
3.6
2.4
1.2
0
RLOAD = 100Ω
RLOAD = 33Ω
VIN = 1.2V
VOUT = 1V
VBIAS = 2.5V
VIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
COUT = 22µF
3µs/DIV
VOUT
50mV/DIV
ILOAD
1A/DIV
VIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
COUT = 10µF
3µs/DIV
VOUT
50mV/DIV
ILOAD
1A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com