Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 8Page - Analog Devices ADP1763 Datasheet HTML 9Page - Analog Devices ADP1763 Datasheet HTML 10Page - Analog Devices ADP1763 Datasheet HTML 11Page - Analog Devices ADP1763 Datasheet HTML 12Page - Analog Devices ADP1763 Datasheet HTML 13Page - Analog Devices ADP1763 Datasheet HTML 14Page - Analog Devices ADP1763 Datasheet HTML 15Page - Analog Devices ADP1763 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
12 of 62
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
LQFN PACKAGE
22-LEAD (3mm X 4mm)
TJMAX = 125°C, θJA = 33°C/W, θJCTOP = 47°C/W, θJCBOT = 3.5°C/W
Figure 3. Pin Configuration
Table 5. Pin Descriptions
PIN
NAME
DESCRIPTION
1
CLKDIS
Clock Disable. Pulling this pin high disables the internal high-frequency clocks and
puts the part in a quiet mode. If not used, tie this pin to DGND. DO NOT FLOAT THIS
PIN.
2
VIOC
Voltage for In-to-Out Control. The LT3074 incorporates a unique tracking feature
(VIOC) to control the upstream switching regulator to maintain a constant voltage
across the LT3074 and hence minimize power dissipation. See the Applications
Information section for more information on proper control of the upstream switching
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com