Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 37Page - Analog Devices ADP1763 Datasheet HTML 38Page - Analog Devices ADP1763 Datasheet HTML 39Page - Analog Devices ADP1763 Datasheet HTML 40Page - Analog Devices ADP1763 Datasheet HTML 41Page - Analog Devices ADP1763 Datasheet HTML 42Page - Analog Devices ADP1763 Datasheet HTML 43Page - Analog Devices ADP1763 Datasheet HTML 44Page - Analog Devices ADP1763 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
41 of 62
For example, for a switching converter with less than 100kHz bandwidth and a phase margin of 50°, using the VIOC
buffer, the phase margin degrades by at most 2°. Hence, the phase margin for the switching converter (using the VIOC
pin) is at least 48°. Given that the VIOC buffer is inside the switching converter’s feedback loop, the total capacitance
on the VIOC pin must be below 20pF.
Figure 89. Programming Input-to-Output Voltage Differential
Figure 89 shows that the input-to-output differential voltage is easily programmable to support different application
needs (PSRR vs. power dissipation) using the following equation:
������������������������������������ − ������������������������������������������ + 800������������ = ������������������������������ = ������������������������������������������������������������������ ×
������1 + ������2
������1
Furthermore, if the LT3074 EN/UV pin is pulled low, the LT3074 input voltage can rise to the switching converter’s
input voltage and thus potentially violate the LT3074’s absolute maximum rating. To prevent this, the maximum
LT3074 input voltage can be set using a resistor (R3) between the VIOC and IN pins of the regulator such that:
������������������������������������(������������������) = ������������������������������������������������������������������ ×
������1 + ������2 + ������3
������1
The VIOC pin is capable of sourcing 200µA and sinking 20µA. Choose R1 and R3 values such that the VIOC pin sources
at least 10µA to ensure system stability.
Figure 93 shows a typical VIOC application used to post-regulate the output of the LT8610A buck converter. The VIOC
voltage is set at 1.1V (VINLDO – VOUTLDO is set to 300mV). The maximum LDO input voltage VINLDO(MAX) is set to 5.08V.
Thermal Considerations
For higher ambient temperatures, care should be taken in the layout of the PCB to ensure good hear sinking of the
LT3074. The IN and OUT pins at the bottom of the package should be soldered to IN and OUT planes accordingly. In
addition, the IN and OUT must be connected to large copper layers below with thermal vias; these layers spread heat
dissipated by the LT3074. Placing additional vias can reduce thermal resistance further. The die temperature is
calculated by multiplying the LT3074 power dissipation with the thermal resistance from the junction to ambient.
The internal overtemperature protection monitors the junction temperature of the LT3074. If the junction
temperature reaches approximately 168°C, the LT3074 output is shut down until the temperature drops about 7°C.
CSETCAP
4.7µF
COUT
10µF
CIN
RPG1
30kΩ
RPG2
15kΩ
RSETRES
5kΩ
800mV
51kΩ
RASELTOP
RASELBOT
0.47µF
2.2µF
LSW
R1
R3
R2
LT3074
BIAS
BIASDF
IN
OUT
SENSE
SETCAP
IMON
SDA
SCL
ALERT
ASEL
AGND
EN
VINLDO
VOUTLDO = 0.5V
IOUT(MAX) = 3A
VIOC
PG
CLKDIS
SETRES
BIASAF
DGND
PGFB
1×
+
–
VBIAS
SW
FB
VIN
EN/UV
VIN
UPSTREAM
DC-DC
CONVERTER
VFBSWITCHER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com