Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 23Page - Analog Devices ADP1763 Datasheet HTML 24Page - Analog Devices ADP1763 Datasheet HTML 25Page - Analog Devices ADP1763 Datasheet HTML 26Page - Analog Devices ADP1763 Datasheet HTML 27Page - Analog Devices ADP1763 Datasheet HTML 28Page - Analog Devices ADP1763 Datasheet HTML 29Page - Analog Devices ADP1763 Datasheet HTML 30Page - Analog Devices ADP1763 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
27 of 62
Figure 76. IN Pin Line Transient
Figure 77. BIAS Line Transient Response
Figure 78. VOUT ADC Readback
Figure 79.IOUT ADC Readback
Figure 80. Temperature ADC Readback
VOUT = 1V
VBIAS = 3.8V
ILOAD = 10mA
COUT = 10µF
CSETCAP = 4.7µF
tRISE = tFALL = 1µs
VIN STEP FROM 1.3V TO 1.35V
20µs/DIV
IN TRANSIENT
AC-COUPLED
50mV/DIV
OUT TRANSIENT
AC-COUPLED
500µV/DIV
VOUT = 1V
VIN = 1.3V
ILOAD = 10mA
COUT = 10µF
CSETCAP = 4.7µF
tRISE = tFALL = 1µs
VBIAS STEP FROM 3.3V TO 3.8V
10µs/DIV
VOUT
AC-COUPLED
1mV/DIV
VBIAS
AC-COUPLED
500mV/DIV
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
VOUT (V)
3.0
3.5
4.0
4.5
5.0
VIN = 4.5V
VBIAS = 5.5V
ILOAD = 50mV
–55°C
–40°C
+25°C
+125°C
+150°C
VIN = 1.3V
VOUT = 1.0V
VBIAS = 2.5V
–55°C
–40°C
+25°C
+125°C
+150°C
IOUT (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
VIN = 1.3V
VOUT = 1.0V
ILOAD = 10mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
–75
–50
–25
0
25
50
75
100
125
150
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com