Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX1574 Datasheet HTML 1Page - Texas Instruments TMUX1574 Datasheet HTML 2Page - Texas Instruments TMUX1574 Datasheet HTML 3Page - Texas Instruments TMUX1574 Datasheet HTML 4Page - Texas Instruments TMUX1574 Datasheet HTML 5Page - Texas Instruments TMUX1574 Datasheet HTML 6Page - Texas Instruments TMUX1574 Datasheet HTML 7Page - Texas Instruments TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
I = input, O = output, I/O = input and output, P = power
(2)
Refer to Device Functional Modes for what to do with unused pins.
Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
TSSOP /
SOT-23-THIN
UQFN
SEL
1
15
I
Select pin: controls state of switches according to Table 1. Internal 6 MΩ pull-down to
GND.
S1A
2
16
I/O
Source pin 1A. Can be an input or output.
S1B
3
1
I/O
Source pin 1B. Can be an input or output.
D1
4
2
I/O
Drain pin 1. Can be an input or output.
S2A
5
3
I/O
Source pin 2A. Can be an input or output.
S2B
6
4
I/O
Source pin 2B. Can be an input or output.
D2
7
5
I/O
Drain pin 2. Can be an input or output.
GND
8
6
P
Ground (0 V) reference
D3
9
7
I/O
Drain pin 3. Can be an input or output.
S3B
10
8
I/O
Source pin 3B. Can be an input or output.
S3A
11
9
I/O
Source pin 3A. Can be an input or output.
D4
12
10
I/O
Drain pin 4. Can be an input or output.
S4B
13
11
I/O
Source pin 4B. Can be an input or output.
S4A
14
12
I/O
Source pin 4A. Can be an input or output.
EN
15
13
I
Active low enable: When this pin is high, all switches are turned off. When this pin is low,
SEL pin controls the signal path selection. Internal 6 MΩ pull-down to GND.
VDD
16
14
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com