Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments TMUX1574 Datasheet HTML 10Page - Texas Instruments TMUX1574 Datasheet HTML 11Page - Texas Instruments TMUX1574 Datasheet HTML 12Page - Texas Instruments TMUX1574 Datasheet HTML 13Page - Texas Instruments TMUX1574 Datasheet HTML 14Page - Texas Instruments TMUX1574 Datasheet HTML 15Page - Texas Instruments TMUX1574 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
1G
D023
Off Isolation
Crosstalk
Frequency (Hz)
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
1G
D024
Source Voltage (V)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
D021
Frequency (Hz)
0
2
4
6
8
10
1M
10M
100M
1G
D022
CSOFF
CSON
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
Propagation Delay - PW
Skew - PW
Propagation Delay - RSV
Skew - RSV
Propagation Delay - DYY
Skew - DYY
D020
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
D019
12
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C
Figure 19. TOFF (EN) vs Supply Voltage
TA = 25°C
Figure 20. Skew and Propagation Delay vs Supply Voltage
TA = 25°C
Figure 21. Charge Injection vs Source Voltage
TA = 25°C
VDD = 1.5 V to 5.5 V
Figure 22. Capacitance vs Frequency
TA = 25°C
VDD = 3.3 V
Figure 23. Off Isolation and Crosstalk vs Frequency
TA = 25°C
VDD = 1.5 V to 5.5 V
Figure 24. On-Response vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com