Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1574 Datasheet HTML 1Page - Texas Instruments TMUX1574 Datasheet HTML 2Page - Texas Instruments TMUX1574 Datasheet HTML 3Page - Texas Instruments TMUX1574 Datasheet HTML 4Page - Texas Instruments TMUX1574 Datasheet HTML 5Page - Texas Instruments TMUX1574 Datasheet HTML 6Page - Texas Instruments TMUX1574 Datasheet HTML 7Page - Texas Instruments TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TMUX1574
SEL
S1A
D1
S1B
S2A
S2B
S3A
S3B
S4A
S4B
EN
LOGIC CONTROL*
D2
D3
D4
*Internal 6MO Pull-Down on Logic Pins
Processor
GND
VDD
VDD
VI/O
1.8V Logic
I/O
SEL
GND
JTAG
DEBUG,
SPI, GPIO
D1
D2
D3
D4
RAM
CPU
Peripherals
0.1µF
EN
S1B
S2B
S3B
S4B
SPI / JTAG / UART
Device #2
MISO / TDI / GPIO
MOSI / TDO / GPIO
SCLK / TCK / GPIO
SS / TMS / GPIO
S1A
S2A
S3A
S4A
SPI / JTAG / UART
Device #1
MISO / TDI / GPIO
MOSI / TDO / GPIO
SCLK / TCK / GPIO
SS / TMS / GPIO
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel,
Powered-Off Protected Switch with 1.8 V Logic
1
1 Features
1
•
Wide supply range: 1.5 V to 5.5 V
•
Low on-capacitance: 7.5 pF
•
Low on-resistance: 2 Ω
•
High bandwidth: 2 GHz
•
-40°C to +125°C operating temperature
•
1.8 V Logic Compatible
•
Supports Input Voltage Beyond Supply
•
Integrated Pull Down Resistor on Logic Pins
•
Bidirectional Signal Path
•
Fail-Safe Logic
•
Powered-off Protection up to 3.6 V Signals
–
Pinout compatible to SN74CBTLV3257
2 Applications
•
Flash memory sharing
•
JTAG multiplexing
•
SPI multiplexing
•
eMMC multiplexing
•
Servers
•
Data center switches & routers
•
Wireless infrastructure
•
PC & notebooks
•
Building automation
•
Grid infrastructure
•
ePOS
•
Appliances
3 Description
The TMUX1574 is a complementary metal-oxide
semiconductor
(CMOS)
switch.
The
TMUX1574
offers 2:1 SPDT switch configuration with 4-channels.
Wide operating supply of 1.5 V to 5.5 V allows for use
in a broad array of applications from servers and
communication equipment to industrial applications.
The device supports bidirectional analog and digital
signals on the source (SxA, SxB) and drain (Dx) pins
and can pass signals above supply up to VDD x 2,
with a maximum input/output voltage of 5.5 V.
Powered-off Protection up to 3.6 V on the signal path
of the TMUX1574 provides isolation when the supply
voltage is removed (VDD = 0 V). Without this
protection feature, switches can back-power the
supply rail through an internal ESD diode and cause
potential damage to the system.
Fail-Safe Logic circuitry allows voltages on the logic
control pins to be applied before the supply pin,
protecting the device from potential damage. All
control inputs have 1.8 V logic compatible thresholds,
ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range.
Integrated pull down resistor on the logic pins
removes external components to reduce system size
and cost.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX1574
TSSOP (16)
5.00 mm × 4.40 mm
UQFN (16)
2.60 mm x 1.80 mm
SOT-23-THIN (16)
4.20 mm x 2.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Application Example
Block Diagram


Similar Part No. - TMUX1574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI-TMUX1574 Datasheet
1Mb / 44P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
DECEMBER 2019
TMUX1574 TI2-TMUX1574 Datasheet
2Mb / 45P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
REVISED DECEMBER 2019
TMUX1574DYYR TI1-TMUX1574DYYR Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
More results

Similar Description - TMUX1574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
SN3257-Q1 TI1-SN3257-Q1 Datasheet
668Kb / 29P
2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574_V01 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1575 TI-TMUX1575 Datasheet
935Kb / 25P
TMUX1575 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch in WCSP with 1.2 V Logic
logo
Vishay Siliconix
DG2012E VISHAY-DG2012E Datasheet
166Kb / 10P
Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com