Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1574 Datasheet HTML 1Page - Texas Instruments TMUX1574 Datasheet HTML 2Page - Texas Instruments TMUX1574 Datasheet HTML 3Page - Texas Instruments TMUX1574 Datasheet HTML 4Page - Texas Instruments TMUX1574 Datasheet HTML 5Page - Texas Instruments TMUX1574 Datasheet HTML 6Page - Texas Instruments TMUX1574 Datasheet HTML 7Page - Texas Instruments TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
S1B
2
D1
3
S2A
4
S2B
9
S3A
10
D4
11
S4B
12
S4A
Not to scale
1
SEL
16
VDD
2
S1A
15
EN
3
S1B
14
S4A
4
D1
13
S4B
5
S2A
12
D4
6
S2B
11
S3A
7
D2
10
S3B
8
GND
9
D3
Not to scale
1
SEL
16
VDD
2
S1A
15
EN
3
S1B
14
S4A
4
D1
13
S4B
5
S2A
12
D4
6
S2B
11
S3A
7
D2
10
S3B
8
GND
9
D3
3
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
DYY Package
16-Pin SOT-23-THIN
Top View
RSV Package
16-Pin UQFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com