Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX1574 Datasheet HTML 14Page - Texas Instruments TMUX1574 Datasheet HTML 15Page - Texas Instruments TMUX1574 Datasheet HTML 16Page - Texas Instruments TMUX1574 Datasheet HTML 17Page - Texas Instruments TMUX1574 Datasheet HTML 18Page - Texas Instruments TMUX1574 Datasheet HTML 19Page - Texas Instruments TMUX1574 Datasheet HTML 20Page - Texas Instruments TMUX1574 Datasheet HTML 21Page - Texas Instruments TMUX1574 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
0 V
tSK 1
Output 2
0 V
tSKEW = max ( tSK 1, tSK 2)
Output 1
tSK 2
50%
50%
50%
50%
GND
OUTPUT
D1
VDD
VDD
0.1 F
RL
50
S1A
S1B
VS
VS
OUTPUT
D4
RL
50
S4A
S4B
VS
VS
250 mV
0 V
tPD 1
Output
0 V
tProp Delay = max ( tPD 1, tPD 2)
Input
(VS)
tPD 2
50%
50%
50%
50%
GND
OUTPUT
D1
VDD
VDD
0.1 F
RL
50
S1A
S1B
VS
VS
OUTPUT
D4
RL
50
S4A
S4B
VS
VS
18
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.9 Propagation Delay
Propagation delay is defined as the time taken by the output of the device to rise or fall 50% after the input signal
has risen or fallen past the 50% threshold. Figure 35 shows the setup used to measure propagation delay,
denoted by the symbol tPD.
Figure 35. Propagation Delay Measurement Setup
7.10 Skew
Skew is defined as the difference between propagation delays of any two outputs of the same device. The skew
measurement is taken from the output of one channel rising or falling past 50% to a second channel rising or
falling past the 50% threshold when the input signals are switched at the same time. Figure 36 shows the setup
used to measure skew, denoted by the symbol tSK.
Figure 36. Skew Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com