Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5148
Description  LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 35Page - Texas Instruments LM5148 Datasheet HTML 36Page - Texas Instruments LM5148 Datasheet HTML 37Page - Texas Instruments LM5148 Datasheet HTML 38Page - Texas Instruments LM5148 Datasheet HTML 39Page - Texas Instruments LM5148 Datasheet HTML 40Page - Texas Instruments LM5148 Datasheet HTML 41Page - Texas Instruments LM5148 Datasheet HTML 42Page - Texas Instruments LM5148 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Such a low capacitance value also helps to avoid output voltage overshoot when recovering from dropout
(when the input voltage is less than the output voltage setpoint and VCOMP is railed high).
3. Calculate CHF to create a pole at the ESR zero and to attenuate high-frequency noise at COMP. CBW is the
bandwidth-limiting capacitance of the error amplifier. CHF can not be significant enough to be necessary in
some designs, like this one. CHF can be unpopulated, or used with a small 22 pF for more noise filtering.
S
S
˜
˜
˜
˜
:
HF
BW
ESR
COMP
1
1
C
C
31 pF
0.8 pF
2
f
R
2
500kHz 10 k
(45)
Note
Set a fast loop with high RCOMP and low CCOMP values to improve the response when recovering from
operation in dropout.
For technical solutions, industry trends, and insights for designing and managing power supplies, please refer to
TI's technical articles.
www.ti.com
LM5148-Q1
SNVSC00 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM5148-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com