Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5148
Description  LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 9Page - Texas Instruments LM5148 Datasheet HTML 10Page - Texas Instruments LM5148 Datasheet HTML 11Page - Texas Instruments LM5148 Datasheet HTML 12Page - Texas Instruments LM5148 Datasheet HTML 13Page - Texas Instruments LM5148 Datasheet HTML 14Page - Texas Instruments LM5148 Datasheet HTML 15Page - Texas Instruments LM5148 Datasheet HTML 16Page - Texas Instruments LM5148 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
7.6 Typical Characteristics (continued)
VIN = 12 V, unless otherwise specified
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
30
40
50
60
70
80
Figure 7-19. Minimum On Time (HO) vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
Figure 7-20. Soft-Start Time vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
2
2.1
2.2
2.3
2.4
2.5
RRT = 9.09 kΩ
Figure 7-21. Switching Frequency vs Temperature
www.ti.com
LM5148-Q1
SNVSC00 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5148-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com