Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5148
Description  LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 15Page - Texas Instruments LM5148 Datasheet HTML 16Page - Texas Instruments LM5148 Datasheet HTML 17Page - Texas Instruments LM5148 Datasheet HTML 18Page - Texas Instruments LM5148 Datasheet HTML 19Page - Texas Instruments LM5148 Datasheet HTML 20Page - Texas Instruments LM5148 Datasheet HTML 21Page - Texas Instruments LM5148 Datasheet HTML 22Page - Texas Instruments LM5148 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Spread spectrum ON
(c) Low-frequency triangular + high-
frequency
randomized modulations
(a) Low-frequency
triangular modulation
(b) High-frequency
randomized modulation
Spread spectrum OFF
Frequency
Low RBW
High RBW
fs(t)
2¨Is
t
Figure 8-3. Dual Random Spread Spectrum Implementation
8.3.7 Soft Start
The LM5148-Q1 has an internal 3-ms soft-start timer (typical). The soft-start feature allows the regulator to
gradually reach the steady-state operating point, thus reducing start-up stresses and surges.
8.3.8 Output Voltage Setpoint (FB)
The LM5148-Q1 output can be independently configured for one of three fixed output voltages without external
feedback resistors, or adjusted to a desired voltage using an external resistor divider. Set the output to 3.3 V
by connecting FB directly to VDDA. Alternatively, set the output to either 5 V or 12 V by installing a 24.9-kΩ or
49.9-kΩ resistor between FB and VDDA, respectively. See Table 8-1.
www.ti.com
LM5148-Q1
SNVSC00 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5148-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com