Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5148
Description  LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 25Page - Texas Instruments LM5148 Datasheet HTML 26Page - Texas Instruments LM5148 Datasheet HTML 27Page - Texas Instruments LM5148 Datasheet HTML 28Page - Texas Instruments LM5148 Datasheet HTML 29Page - Texas Instruments LM5148 Datasheet HTML 30Page - Texas Instruments LM5148 Datasheet HTML 31Page - Texas Instruments LM5148 Datasheet HTML 32Page - Texas Instruments LM5148 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
dominates. However, depending on package and voltage rating of the ceramic capacitor, the effective
capacitance can drop quite significantly with applied DC voltage and operating temperature.
Ignoring the ESR term in Equation 15 gives a quick estimation of the minimum ceramic capacitance necessary
to meet the output ripple specification. Two to four 47-µF, 10-V, X7R capacitors in 1206 or 1210 footprint is a
common choice for a 5-V output. Use Equation 16 to determine if additional capacitance is necessary to meet
the load-off transient overshoot specification.
A composite implementation of ceramic and electrolytic capacitors highlights the rationale for paralleling
capacitors of dissimilar chemistries yet complementary performance. The frequency response of each capacitor
is accretive in that each capacitor provides desirable performance over a certain portion of the frequency range.
While the ceramic provides excellent mid- and high-frequency decoupling characteristics with its low ESR and
ESL to minimize the switching frequency output ripple, the electrolytic device with its large bulk capacitance
provides low-frequency energy storage to cope with load transient demands.
9.1.1.3 Input Capacitors
Input capacitors are necessary to limit the input ripple voltage to the buck power stage due to switching-
frequency AC currents. TI recommends using X7S or X7R dielectric ceramic capacitors to provide low
impedance and high RMS current rating over a wide temperature range. To minimize the parasitic inductance
in the switching loop, position the input capacitors as close as possible to the drain of the high-side MOSFET
and the source of the low-side MOSFET. The input capacitor RMS current for a single-channel buck regulator is
given by Equation 17.
2
2
L
CIN,rms
OUT
I
I
D
I
1 D
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
(17)
The highest input capacitor RMS current occurs at D = 0.5, at which point, the RMS current rating of the input
capacitors must be greater than half the output current.
Ideally, the DC component of input current is provided by the input voltage source and the AC component by the
input filter capacitors. Neglecting inductor ripple current, the input capacitors source current of amplitude (IOUT −
IIN) during the D interval and sinks IIN during the 1−D interval. Thus, the input capacitors conduct a square-wave
current of peak-to-peak amplitude equal to the output current. It follows that the resultant capacitive component
of AC ripple voltage is a triangular waveform. Together with the ESR-related ripple component, the peak-to-peak
ripple voltage amplitude is given by Equation 18.
OUT
IN
OUT
ESR
SW
IN
I
D
1
D
V
I
R
F
C
˜
˜
'
˜
˜
(18)
The input capacitance required for a particular load current, based on an input voltage ripple specification of
ΔVIN, is given by Equation 19.
OUT
IN
SW
IN
ESR
OUT
D
1 D
I
C
F
V
R
I
˜
˜
t
˜ '
˜
(19)
Low-ESR ceramic capacitors can be placed in parallel with higher valued bulk capacitance to provide optimized
input filtering for the regulator and damping to mitigate the effects of input parasitic inductance resonating
with high-Q ceramics. One bulk capacitor of sufficiently high current rating and four 10-μF 50-V X7R ceramic
decoupling capacitors are usually sufficient for 12-V battery automotive applications. Select the input bulk
capacitor based on its ripple current rating and operating temperature range.
Of course, a two-channel buck regulator with 180° out-of-phase interleaved switching provides input ripple
current cancellation and reduced input capacitor current stress. The above equations represent valid calculations
when one output is disabled and the other output is fully loaded.
www.ti.com
LM5148-Q1
SNVSC00 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM5148-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com