Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5148
Description  LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 36Page - Texas Instruments LM5148 Datasheet HTML 37Page - Texas Instruments LM5148 Datasheet HTML 38Page - Texas Instruments LM5148 Datasheet HTML 39Page - Texas Instruments LM5148 Datasheet HTML 40Page - Texas Instruments LM5148 Datasheet HTML 41Page - Texas Instruments LM5148 Datasheet HTML 42Page - Texas Instruments LM5148 Datasheet HTML 43Page - Texas Instruments LM5148 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
9.2.1.3 Application Curves
Load Current (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VIN = 8 V
VIN = 12 V
VIN = 18 V
5-V output
Figure 9-5. Efficiency vs IOUT
Load Current (A)
0.001
0.01
0.1
1
8
50
60
70
80
90
100
VIN = 8 V
VIN = 12 V
VIN = 18 V
5-V output
Figure 9-6. Efficiency vs IOUT, Log Scale
8-A resistive load
Figure 9-7. Full Load Switching
No load
Figure 9-8. PFM Switching
VIN ramps from 12 V to 36 V
5-A load
Figure 9-9. Line Transient
VIN falls to 3.8 V
5-A load
Figure 9-10. Cold-Crank Response to VIN = 3.8 V
LM5148-Q1
SNVSC00 – FEBRUARY 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com