Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 32Page - NXP Semiconductors P89V52X2FN Datasheet HTML 33Page - NXP Semiconductors P89V52X2FN Datasheet HTML 34Page - NXP Semiconductors P89V52X2FN Datasheet HTML 35Page - NXP Semiconductors P89V52X2FN Datasheet HTML 36Page - NXP Semiconductors P89V52X2FN Datasheet HTML 37Page - NXP Semiconductors P89V52X2FN Datasheet HTML 38Page - NXP Semiconductors P89V52X2FN Datasheet HTML 39Page - NXP Semiconductors P89V52X2FN Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
36 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
Writing either the PROG or EP command to FMCON will start the program or
erase-program process and place the CPU in a program-idle state. The CPU will remain
in this idle state until the program or erase-program cycle is completed. Interrupts will
NOT be serviced until the cycle is completed.
Erase-program or programming of a single byte (or multiple bytes) in the data EEPROM
array is accomplished using the following steps:
• Write the LOAD command (00H) to FMCON. The LOAD command will clear all
locations in the page register and their corresponding update flags.
• Write the address within the page register to FMADRL. Since the loading the page
register uses FMADRL[5:0], and since the erase-program or program command uses
FMADRH and FMADRL[7:6], the user can write the byte location within the page
register (FMADRL[5:0]) and the code memory page address (FMADRH and
FMADRL[7:6]) at this time.
• Write the data to be programmed to FMDATA. This will increment FMADRL pointing to
the next byte in the page register.
• Write the address of the next byte to be programmed to FMADRL, if desired. (This is
not needed for contiguous bytes since FMADRL is auto-incremented). All bytes to be
programmed must be within the same page.
• Write the data for the next byte to be programmed to FMDATA.
• Repeat writing of FMADRL and/or FMDATA until all desired bytes have been loaded
into the page register.
• Write the page address mapped into user code memory to FMADRH and
FMADRL[7:6], if not previously included when writing the page register address to
FMADRL[5:0].
• Write the EP (68H) or PROG (48H) command to FMCON, starting the erase-program
or program cycle.
• Read FMCON to check status. If aborted, repeat starting with the LOAD command.
Table 33.
Flash Memory Control register (FMCON - address E4H) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol (R)
BUSY
WE
-
DAP
-
-
SV
ERR
Symbol (W) FMCMD.7
FMCMD.6
FMCMD.5
FMCMD.4
FMCMD.3
FMCMD.2
FMCMD.1
FMCMD.0
Reset
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com