Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 2Page - NXP Semiconductors P89V52X2FN Datasheet HTML 3Page - NXP Semiconductors P89V52X2FN Datasheet HTML 4Page - NXP Semiconductors P89V52X2FN Datasheet HTML 5Page - NXP Semiconductors P89V52X2FN Datasheet HTML 6Page - NXP Semiconductors P89V52X2FN Datasheet HTML 7Page - NXP Semiconductors P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors P89V52X2FN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
6 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
P1.7
839I/O
P1.7 — Port 1 bit 7.
P2.0 to P2.7
I/O
with
internal
pull-up
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 2 pins are pulled HIGH by the internal
pull-ups when ‘1’s are written to them and can be used as
inputs in this state. As inputs, Port 2 pins that are
externally pulled LOW will source current (IIL) because of
the internal pull-ups. Port 2 sends the high-order address
byte during fetches from external program memory and
during accesses to external Data Memory that use 16-bit
address (MOVX@DPTR). In this application, it uses strong
internal pull-ups when transitioning to ‘1’s.
P2.0/A8
21
18
24
I/O
P2.0 — Port 2 bit 0.
O
A8 — Address bit 8.
P2.1/A9
22
19
25
I/O
P2.1 — Port 2 bit 1.
O
A9 — Address bit 9.
P2.2/A10
23
20
26
I/O
P2.2 — Port 2 bit 2.
O
A10 — Address bit 10.
P2.3/A11
24
21
27
I/O
P2.3 — Port 2 bit 3.
O
A11 — Address bit 11.
P2.4/A12
25
22
28
I/O
P2.4 — Port 2 bit 4.
O
A12 — Address bit 12.
P2.5/A13
26
23
29
I/O
P2.5 — Port 2 bit 5.
O
A13 — Address bit 13.
P2.6/A14
27
24
30
I/O
P2.6 — Port 2 bit 6.
O
A14 — Address bit 14.
P2.7/A15
28
25
31
I/O
P2.7 — Port 2 bit 7.
O
A15 — Address bit 15.
P3.0 to P3.7
I/O
with
internal
pull-up
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 3 pins are pulled HIGH by the internal
pull-ups when ‘1’s are written to them and can be used as
inputs in this state. As inputs, Port 3 pins that are
externally pulled LOW will source current (IIL) because of
the internal pull-ups.
P3.0/RXD
10
5
11
I
P3.0 — Port 3 bit 0.
I
RXD — Serial input port.
P3.1/TXD
11
7
13
O
P3.1 — Port 3 bit 1.
O
TXD — Serial output port.
P3.2/INT0
12
8
14
I
P3.2 — Port 3 bit 2.
I
INT0 — External interrupt 0 input.
P3.3/INT1
13
9
15
I
P3.3 — Port 3 bit 3.
I
INT1 — External interrupt 1 input
P3.4/T0
14
10
16
I/O
P3.4 — Port 3 bit 4.
I
T0 — External count input to Timer/Counter 0.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
DIP40
LQFP44
PLCC44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com