Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 21Page - NXP Semiconductors P89V52X2FN Datasheet HTML 22Page - NXP Semiconductors P89V52X2FN Datasheet HTML 23Page - NXP Semiconductors P89V52X2FN Datasheet HTML 24Page - NXP Semiconductors P89V52X2FN Datasheet HTML 25Page - NXP Semiconductors P89V52X2FN Datasheet HTML 26Page - NXP Semiconductors P89V52X2FN Datasheet HTML 27Page - NXP Semiconductors P89V52X2FN Datasheet HTML 28Page - NXP Semiconductors P89V52X2FN Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
25 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
When Timer 2 is in the baud rate generator mode, one should not try to read or write TH2
and TL2. Under these conditions, a read or write of TH2 or TL2 may not be accurate. The
RCAP2 registers may be read, but should not be written to, because a write might overlap
a reload and cause write and/or reload errors. The timer should be turned off (clear TR2)
before accessing the Timer 2 or RCAP2 registers. Table 20 shows commonly used baud
rates and how they can be obtained from Timer 2.
6.9.5 Summary of baud rate equations
Timer 2 is in baud rate generating mode. If Timer 2 is being clocked through pin T2 (P1.0)
the baud rate is:
Baud rate = Timer 2 overflow rate / 16
If Timer 2 is being clocked internally, the baud rate is:
Baud rate = fosc / (16 × (65536 − (RCAP2H, RCAP2L)))
Where fosc = oscillator frequency
To obtain the reload value for RCAP2H and RCAP2L, the above equation can be rewritten
as:
RCAP2H, RCAP2L = 65536
− f
osc / (16 × baud rate)
6.10 UART
The UART operates in all standard modes. Enhancements over the standard 80C51
UART include Framing Error detection, and automatic address recognition.
6.10.1 Mode 0
Serial data enters and exits through RXD and TXD outputs the shift clock. Only 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1
⁄
6 of the CPU clock frequency.
UART configured to operate in this mode outputs serial clock on TXD line no matter
whether it sends or receives data on RXD line.
Table 20.
Timer 2 generated commonly used baud rates
Rate
Oscillator frequency
Timer 2
RCAP2H
RCAP2L
750 kBd
12 MHz
FF
FF
19.2 kBd
12 MHz
FF
D9
9.6 kBd
12 MHz
FF
B2
4.8 kBd
12 MHz
FF
64
2.4 kBd
12 MHz
FE
C8
600 Bd
12 MHz
FB
1E
220 Bd
12 MHz
F2
AF
600 Bd
6 MHz
FD
8F
220 Bd
6 MHz
F9
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com