Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors P89V52X2FN Datasheet HTML 10Page - NXP Semiconductors P89V52X2FN Datasheet HTML 11Page - NXP Semiconductors P89V52X2FN Datasheet HTML 12Page - NXP Semiconductors P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors P89V52X2FN Datasheet HTML 14Page - NXP Semiconductors P89V52X2FN Datasheet HTML 15Page - NXP Semiconductors P89V52X2FN Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
12 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.3.2 Clock control register (CKCON)
By default, the device runs at twelve clocks per machine cycle. The device may be run in
6 clock per machine cycle mode by programming of either a non-volatile bit (FX2) or an
SFR bit (Table 5 “Clock modes”). If the FX2 non-volatile bit is programmed the device will
run in 6-clock mode and the X2 SFR bit has no effect. If the FX2 bit is erased, then the
clock mode is controlled by the X2 SFR bit.
6.4 ALE control
Fig 5.
Oscillator characteristics (using the on-chip oscillator)
Fig 6.
Oscillator characteristics (external clock drive)
002aaa545
XTAL2
XTAL1
VSS
C1
C2
002aaa546
XTAL2
n.c.
XTAL1
external
oscillator
signal
VSS
Table 5.
Clock modes
FX2 clock mode bit (UCFG.1)
X2 bit (CLKCON.0)
CPU clock mode
erased
0
12-clock mode (default)
erased
1
6-clock mode
programmed
x
6-clock mode
Table 6.
AUXR - Auxiliary register (address 8EH) bit allocation
Not bit addressable; Reset value 00H
Bit
7
6
5
4
3
2
1
0
Symbol
--
----
-
AO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com