Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 26Page - NXP Semiconductors P89V52X2FN Datasheet HTML 27Page - NXP Semiconductors P89V52X2FN Datasheet HTML 28Page - NXP Semiconductors P89V52X2FN Datasheet HTML 29Page - NXP Semiconductors P89V52X2FN Datasheet HTML 30Page - NXP Semiconductors P89V52X2FN Datasheet HTML 31Page - NXP Semiconductors P89V52X2FN Datasheet HTML 32Page - NXP Semiconductors P89V52X2FN Datasheet HTML 33Page - NXP Semiconductors P89V52X2FN Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
30 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
(6)
Example 2, slave 1:
(7)
Example 2, slave 2:
(8)
In the above example the differentiation among the 3 slaves is in the lower 3 address bits.
Slave 0 requires that bit 0 = 0 and it can be uniquely addressed by 1110 0110. Slave 1
requires that bit 1 = 0 and it can be uniquely addressed by 1110 0101. Slave 2 requires
that bit 2 = 0 and its unique address is 1110 0011. To select Slaves 0 and 1 and exclude
Slave 2 use address 1110 0100, since it is necessary to make bit 2 = 1 to exclude slave 2.
The Broadcast Address for each slave is created by taking the logical OR of SADDR and
SADEN. Zeros in this result are treated as don’t-cares. In most cases, interpreting the
don’t-cares as ones, the broadcast address will be FF hexadecimal. Upon reset SADDR
and SADEN are loaded with 0s. This produces a given address of all ‘don’t cares’ as well
as a Broadcast address of all ‘don’t cares'. This effectively disables the Automatic
Addressing mode and allows the microcontroller to use standard UART drivers which do
not make use of this feature.
6.11 Interrupt priority and polling sequence
The device supports six interrupt sources under a four level priority scheme. Table 24
summarizes the polling sequence of the supported interrupts. (See Figure 19).
SADDR = 1100 0000
SADEN = 1111 1001
Given = 1100 0XX0
----------------------------------------------------
SADDR = 1110 0000
SADEN = 1111 1010
Given = 1110 0X0X
----------------------------------------------------
SADDR = 1100 0000
SADEN = 1111 1100
Given = 1100 00XX
----------------------------------------------------
Table 24.
Interrupt polling sequence
Description
Interrupt flag
Vector address Interrupt
enable
Interrupt
priority
Service
priority
Wake-up
Power-down
External
Interrupt 0
IE0
0003H
EX0
PX0/H
1 (highest)
yes
T0
TF0
000BH
ET0
PT0/H
2
no
External
Interrupt 1
IE1
0013H
EX1
PX1/H
3
yes
T1
TF1
001BH
ET1
PT1/H
4
no
UART
TI/RI
0023H
ES0
PS0/H
5
no
T2
TF2, EXF2
003BH
ET2
PT2/H
6
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com