Electronic Components Datasheet Search
  English  ▼

X  

AN84 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AN84
Description  DIGITAL HYBRID WITH THE Si305X DAAS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN84 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AN84 Datasheet HTML 6Page - Silicon Laboratories AN84 Datasheet HTML 7Page - Silicon Laboratories AN84 Datasheet HTML 8Page - Silicon Laboratories AN84 Datasheet HTML 9Page - Silicon Laboratories AN84 Datasheet HTML 10Page - Silicon Laboratories AN84 Datasheet HTML 11Page - Silicon Laboratories AN84 Datasheet HTML 12Page - Silicon Laboratories AN84 Datasheet HTML 13Page - Silicon Laboratories AN84 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AN84
10
Rev. 0.6
APPENDIX B—HYBRID COEFFICIENT LOOKUP TABLES
Tables 1–14 (for Rev C and prior versions of the Si3019) and Tables 15–28 (for Rev E and later versions of the
Si3019) provide fixed digital hybrid coefficients to best match the line load with specific EIA line models. For this
calculation, the EIA line model was incorporated into the HL(w) model. The first column shows which line type was
used to calculate the hybrid coefficient. The remaining columns display the hybrid coefficients (Registers 45–52).
Table 1. ACIM = 0000 and CO Termination = 900
Ω + 2.16 µF
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
248
249
3
254
254
0
254
0
EIA 1
251
240
255
5
250
2
254
255
EIA 2
2
240
238
7
253
254
2
254
EIA 3
5
239
235
7
252
254
2
254
EIA 4
1
242
240
1
252
255
0
255
EIA 5
7
244
233
1
250
253
0
254
EIA 6
4
244
228
6
7
247
1
253
EIA 7
248
230
8
18
234
2
1
255
2000 ft. 22 awg
253
242
254
5
250
2
255
255
2000 ft. 24 awg
252
240
254
5
250
2
254
255
2000 ft 26 awg
251
240
255
5
250
2
254
255
Table 2. ACIM = 0000 and CO Termination = 600
Ω
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
0
000
00
00
EIA 1
255
247
255
4
253
2
0
0
EIA 2
2
243
241
8
253
255
2
254
EIA 3
5
240
238
9
252
255
2
254
EIA 4
1
242
241
2
253
255
1
255
EIA 5
7
244
234
2
251
254
1
254
EIA 6
4
244
228
6
7
247
1
253
EIA 7
248
230
8
18
234
2
1
255
2000 ft. 22 awg
2
250
254
4
253
1
0
0
2000 ft. 24 awg
1
249
254
4
253
1
0
0
2000 ft 26 awg
255
247
255
4
253
2
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com