Electronic Components Datasheet Search
  English  ▼

X  

AN84 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # AN84
Description  DIGITAL HYBRID WITH THE Si305X DAAS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN84 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button AN84 Datasheet HTML 17Page - Silicon Laboratories AN84 Datasheet HTML 18Page - Silicon Laboratories AN84 Datasheet HTML 19Page - Silicon Laboratories AN84 Datasheet HTML 20Page - Silicon Laboratories AN84 Datasheet HTML 21Page - Silicon Laboratories AN84 Datasheet HTML 22Page - Silicon Laboratories AN84 Datasheet HTML 23Page - Silicon Laboratories AN84 Datasheet HTML 24Page - Silicon Laboratories AN84 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN84
Rev. 0.6
21
Table 23. ACIM = 0100 and CO Termination = 370
Ω + 620 Ω + 310 nF
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
0
000
00
00
EIA 1
254
2522
12551255
0
EIA 2
255
248
253
4
253
0
0
255
EIA 3
1
246
251
6
252
1
0
255
EIA 4
252
247
253
2
253
0
255
255
EIA 5
3
248
246
3
252
255
255
254
EIA 6
0
249
240
8
8
247
2
254
EIA 7
244
236
1814
2415254
1
2000 ft. 22 awg
1
255
255
0
255
0
0
0
2000 ft. 24 awg
0
253
0
1
255
1
0
0
2000 ft 26 awg
254
252
2
1
255
1
255
0
Table 24. ACIM = 0100 and CO Termination = 220
Ω + 820 Ω + 120 nF
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
0
248
254
6
255
2
1
0
EIA 1
254
249
253
4
255
1
1
0
EIA 2
255
249
251
2
254
0
0
0
EIA 3
1
246
250
4
252
1
0
255
EIA 4
252
247
253
1
253
0
255
255
EIA 5
3
248
246
2
252
254
255
254
EIA 6
0
249
240
8
8
247
2
254
EIA 7
244
236
1814
2415254
1
2000 ft. 22 awg
1
251
249
5
0
0
2
255
2000 ft. 24 awg
0
249
251
5
255
0
1
0
2000 ft 26 awg
254
249
253
4
255
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com