Electronic Components Datasheet Search
  English  ▼

X  

AN84 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # AN84
Description  DIGITAL HYBRID WITH THE Si305X DAAS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN84 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button AN84 Datasheet HTML 15Page - Silicon Laboratories AN84 Datasheet HTML 16Page - Silicon Laboratories AN84 Datasheet HTML 17Page - Silicon Laboratories AN84 Datasheet HTML 18Page - Silicon Laboratories AN84 Datasheet HTML 19Page - Silicon Laboratories AN84 Datasheet HTML 20Page - Silicon Laboratories AN84 Datasheet HTML 21Page - Silicon Laboratories AN84 Datasheet HTML 22Page - Silicon Laboratories AN84 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AN84
Rev. 0.6
19
Table 19. ACIM = 0000 and CO Termination = 220
Ω + 820 Ω + 150 nF
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
6
246
239
5
253
255
2
255
EIA 1
3
246
241
2
254
255
1
255
EIA 2
3
245
240
1
252
254
1
255
EIA 3
5
242
238
4
250
255
0
254
EIA 4
1
242
241
2
251
254
0
254
EIA 5
7
244
234
2
250
252
0
253
EIA 6
4
244
228
6
7
247
1
253
EIA 7
248
230
8
18
234
2
1
255
2000 ft. 22 awg
6
249
237
2
255
253
2
254
2000 ft. 24 awg
5
247
239
3
254
254
2
255
2000 ft 26 awg
3
246
241
2
254
255
1
255
Table 20. ACIM = 0000 and CO Termination = 600
Ω + 1.5 µF
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
255
254
254
254
254
254
254
254
EIA 1
255
246
253
3
251
0
254
254
EIA 2
2
242
241
7
252
254
1
253
EIA 3
5
240
237
8
252
254
1
253
EIA 4
1
242
241
2
252
255
0
254
EIA 5
7
244
234
1
251
253
1
254
EIA 6
4
244
228
6
7
247
1
253
EIA 7
248
230
8
18
234
2
1
255
2000 ft. 22 awg
1
249
251
2
251
255
254
254
2000 ft. 24 awg
0
247
252
3
251
0
254
254
2000 ft 26 awg
255
246
253
3
251
0
254
254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com