Electronic Components Datasheet Search
  English  ▼

X  

AN84 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AN84
Description  DIGITAL HYBRID WITH THE Si305X DAAS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN84 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AN84 Datasheet HTML 9Page - Silicon Laboratories AN84 Datasheet HTML 10Page - Silicon Laboratories AN84 Datasheet HTML 11Page - Silicon Laboratories AN84 Datasheet HTML 12Page - Silicon Laboratories AN84 Datasheet HTML 13Page - Silicon Laboratories AN84 Datasheet HTML 14Page - Silicon Laboratories AN84 Datasheet HTML 15Page - Silicon Laboratories AN84 Datasheet HTML 16Page - Silicon Laboratories AN84 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN84
Rev. 0.6
13
Table 7. ACIM = 0010 and CO Termination = 220
Ω + 120 Ω + 115 nf
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
9
16
52542255
0
0
EIA 1
2
10
9
255
1
0
255
1
EIA 2
255
032
01
00
EIA 3
1
253
0
4
254
1
0
0
EIA 4
253
252
0
255
0
0
0
0
EIA 5
4
253
249
255
254
255
0
255
EIA 6
1
254
242
4
8
246
2
254
EIA 7
244
241
19
11
244
2
253
1
2000 ft. 22 awg
6
15
6
254
3
255
0
0
2000 ft. 24 awg
5
12
7
255
2
0
0
0
2000 ft 26 awg
2
10
9
255
1
0
255
1
Table 8. ACIM = 0011 and CO Termination = 220
Ω + 820 Ω + 115 nF
Line Type
Hybrid Coefficient #
1
234
56
78
EIA 0
0
000
00
00
EIA 1
255
0
255
254
1
255
0
0
EIA 2
255
0
253
252
255
254
255
0
EIA 3
1
254
252
253
253
255
255
255
EIA 4
253
255
255
251
254
254
254
255
EIA 5
4
0
249
252
253
253
254
254
EIA 6
1
1
242
2
9
245
3
253
EIA 7
245
243
1810
2450253
1
2000 ft. 22 awg
1
2
252
255
1
254
1
255
2000 ft. 24 awg
0
1
253
255
1
255
0
0
2000 ft 26 awg
255
0
255
254
1
255
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com