| Electronic Components Datasheet Search |
|
AM67A Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM67A Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 237 page ![]() Table 5-24. EQEP1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EQEP1_S (1) IO EQEP Strobe C27 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-25. EQEP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EQEP2_A (1) I EQEP Quadrature Input A D23, Y26 EQEP2_B (1) I EQEP Quadrature Input B B22, Y27 EQEP2_I (1) IO EQEP Index D22, W22, W26 EQEP2_S (1) IO EQEP Strobe C22, N25, W21 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 5.3.11 GPIO 5.3.11.1 MAIN Domain Table 5-26. GPIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] GPIO0_0 IO General Purpose Input/Output L24 GPIO0_1 IO General Purpose Input/Output L23 GPIO0_2 IO General Purpose Input/Output L22 GPIO0_3 IO General Purpose Input/Output K27 GPIO0_4 IO General Purpose Input/Output L27 GPIO0_5 IO General Purpose Input/Output L26 GPIO0_6 IO General Purpose Input/Output L25 GPIO0_7 IO General Purpose Input/Output L21 GPIO0_8 IO General Purpose Input/Output M26 GPIO0_9 IO General Purpose Input/Output N27 GPIO0_10 IO General Purpose Input/Output M27 GPIO0_11 IO General Purpose Input/Output K26 GPIO0_12 IO General Purpose Input/Output K23 GPIO0_13 (1) IO General Purpose Input/Output K22 GPIO0_14 (1) IO General Purpose Input/Output J22 GPIO0_15 IO General Purpose Input/Output R22 GPIO0_16 IO General Purpose Input/Output R23 GPIO0_17 IO General Purpose Input/Output R26 GPIO0_18 IO General Purpose Input/Output T27 GPIO0_19 IO General Purpose Input/Output T25 GPIO0_20 IO General Purpose Input/Output T24 GPIO0_21 IO General Purpose Input/Output T21 GPIO0_22 IO General Purpose Input/Output T22 GPIO0_23 IO General Purpose Input/Output U27 GPIO0_24 IO General Purpose Input/Output U26 GPIO0_25 IO General Purpose Input/Output V27 GPIO0_26 IO General Purpose Input/Output V25 GPIO0_27 IO General Purpose Input/Output V26 www.ti.com AM67, AM67A SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: AM67 AM67A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |