Electronic Components Datasheet Search
  English  ▼

X  

AM67A Datasheet(PDF) 72 Page - Texas Instruments

Part # AM67A
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67A Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM67A Datasheet HTML 68Page - Texas Instruments AM67A Datasheet HTML 69Page - Texas Instruments AM67A Datasheet HTML 70Page - Texas Instruments AM67A Datasheet HTML 71Page - Texas Instruments AM67A Datasheet HTML 72Page - Texas Instruments AM67A Datasheet HTML 73Page - Texas Instruments AM67A Datasheet HTML 74Page - Texas Instruments AM67A Datasheet HTML 75Page - Texas Instruments AM67A Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 237 page
background image
Table 5-57. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
VDD_CORE
PWR
Core supply
J11, J14, J16, J18,
K11, K12, K14, K16,
K18, K9, L12, L17,
M10, M15, M17, M9,
N10, N11, N14, N16,
N18, P11, P12, P14,
P18, R12, R13, R15,
R17, R9, T13, T15,
T17, T9, U12, U14,
U16, U8, V12, V14,
V16, V19, V8, W19,
Y20, Y21
VDD_MMC0
PWR
MMC0 PHY core supply
W10
VPP
PWR
eFuse ROM programming supply
G9
VSS
GND
Ground
A1, A18, A21, A27,
A4, A7, AA1, AA18,
AA21, AA26, AA4,
AD26, AG1, AG27,
C2, C23, D26, E6,
F15, F16, F17, F2,
F21, G1, G10, G12,
G14, G16, G17, G20,
G3, G5, G8, H14, H4,
H7, J12, J15, J17,
J19, J26, J3, J5, J9,
K1, K13, K15, K17,
K19, L10, L11, L13,
L14, L16, L18, M1,
M11, M14, M16, M18,
M7, M8, N12, N15,
N17, N26, N9, P10,
P13, P15, P17, P19,
P5, P7, R1, R10,
R14, R16, R18, R19,
R4, R7, R8, T10, T12,
T14, T16, T18, T26,
U11, U13, U15, U18,
U19, U3, U7, U9, V1,
V11, V13, V15, V20,
V4, V7, V9, W12,
W14, W17, W20, W5,
W8, Y10, Y14, Y18,
Y7, Y8
(1)
This pin must always be connected via a 1-μF capacitor to VSS.
5.3.22 Reserved
Table 5-58. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
E9
RSVD1
N/A
Reserved, must be left unconnected
AA19
RSVD2
N/A
Reserved, must be left unconnected
AB7
RSVD3
N/A
Reserved, must be left unconnected
AC5
RSVD4
N/A
Reserved, must be left unconnected
AB10
RSVD5
N/A
Reserved, must be left unconnected
AA12
RSVD6
N/A
Reserved, must be left unconnected
AB12
RSVD7
N/A
Reserved, must be left unconnected
AB13
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
72
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com