Electronic Components Datasheet Search
  English  ▼

X  

AM67A Datasheet(PDF) 85 Page - Texas Instruments

Part # AM67A
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67A Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM67A Datasheet HTML 81Page - Texas Instruments AM67A Datasheet HTML 82Page - Texas Instruments AM67A Datasheet HTML 83Page - Texas Instruments AM67A Datasheet HTML 84Page - Texas Instruments AM67A Datasheet HTML 85Page - Texas Instruments AM67A Datasheet HTML 86Page - Texas Instruments AM67A Datasheet HTML 87Page - Texas Instruments AM67A Datasheet HTML 88Page - Texas Instruments AM67A Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 237 page
background image
6.4 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDD_CORE(2)
VDDA_CORE_CSI_DSI(2)
VDDA_CORE_CSI_DSI_C
LK(2)
VDDA_CORE_USB0(2)
VDDA_CORE_USB1(2)
VDDA_DDR_PLL0(2)
Core supply
CSIRX0 and DSITX0 core supply
DSITX0 clock core supply
USB0 and USB1 core supply
DDR deskew PLL supply
0.75-V operation
0.715
0.75
0.79
V
0.85-V operation
0.81
0.85
0.895
V
VDD_CANUART(3)
CANUART core supply
0.75-V operation
0.715
0.75
0.79
V
0.85-V operation
0.81
0.85
0.895
V
VDDR_CORE
RAM core supply
0.81
0.85
0.895
V
VDD_MMC0(4)
VDDA_0P85_DLL_MMC0
(4)
MMC0 PHY core supply
MMC0 DLL analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES
VDDA_0P85_SERDES_C
SERDES PHY core supply
SERDES analog supply
0.81
0.85
0.895
V
VDDS_DDR(5)
VDDS_DDR_C(5)
DDR PHY IO supply
DDR clock IO supply
1.1-V operation
1.06
1.1
1.17
V
VDDA_1P8_SERDES
SERDES analog supply
1.71
1.8
1.89
V
VDDS_MMC0
MMC0 PHY IO supply
1.71
1.8
1.89
V
VDDS_OSC0
MCU_OSC0 and WKUP_LFOSC0 supply
1.71
1.8
1.89
V
VDDA_MCU
RCOSC, POR, POK, and MCU PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL0
SMS PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL1
MAIN PLL, PER0 PLL, and PER1 PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL2
DDR PLL and ARM0 PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL3
VIDEO PLL and GPU PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL4
DSS PLL0, DSS PLL1, and DSS PLL2 analog supply
1.71
1.8
1.89
V
VDDA_PLL5
C7x PLL analog supply
1.71
1.8
1.89
V
VDDA_1P8_CSI_DSI
CSIRX0 and DSITX0 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_1P8_OLDI0
OLDI0 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_1P8_USB0
VDDA_1P8_USB1
USB0 and USB1 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_TEMP0
TEMP0 analog supply
1.71
1.8
1.89
V
VDDA_TEMP1
TEMP1 analog supply
1.71
1.8
1.89
V
VDDA_TEMP2
TEMP2 analog supply
1.71
1.8
1.89
V
VPP
eFuse ROM programming supply
see(6)
see(6)
see(6)
V
VMON_1P8_SOC
Voltage monitor for 1.8 V SoC power supply
1.71
1.8
1.89
V
VDDA_3P3_USB0
USB0 3.3 V analog supply
3.135
3.3
3.465
V
VDDA_3P3_USB1
USB1 3.3 V analog supply
VMON_3P3_SOC
Voltage monitor for 3.3 V SoC power supply
3.135
3.3
3.465
V
VMON_ER_VSYS
Voltage monitor for system power supply
0
see(7)
1
V
USB0_VBUS
USB0 Level-shifted VBUS Input
0
see(8)
3.465
V
USB1_VBUS
USB1 Level-shifted VBUS Input
0
see(8)
3.465
V
VDDSHV_CANUART(9)
Dual-voltage IO supply for IO group
CANUART
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
VDDSHV_MCU
Dual-voltage IO supply for IO group MCU
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com