| Electronic Components Datasheet Search |
|
AM67A Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM67A Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 237 page ![]() Table 5-29. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 3 Output in A/D multiplexed mode U27 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 3 Output in A/D multiplexed mode U26 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode V27 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode V25 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode V26 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode V24 GPMC0_AD14 IO GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode V22 GPMC0_AD15 IO GPMC Data 15 Input/Output in A/D non-multiplexed mode and additionally Address 16 Output in A/D multiplexed mode V23 GPMC0_BE0n_CLE O GPMC Lower-Byte Enable (active low) or Command Latch Enable P27 GPMC0_BE1n O GPMC Upper-Byte Enable (active low) P26 GPMC0_CSn0 O GPMC Chip Select 0 (active low) R27 GPMC0_CSn1 O GPMC Chip Select 1 (active low) P21 GPMC0_CSn2 O GPMC Chip Select 2 (active low) P22 GPMC0_CSn3 O GPMC Chip Select 3 (active low) P23 GPMC0_WAIT0 I GPMC External Indication of Wait V21 GPMC0_WAIT1 I GPMC External Indication of Wait W26 5.3.13 I2C 5.3.13.1 MAIN Domain Table 5-30. I2C0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] I2C0_SCL IOD I2C Clock D23 I2C0_SDA IOD I2C Data B22 Table 5-31. I2C1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] I2C1_SCL IOD I2C Clock C24 I2C1_SDA IOD I2C Data A22 www.ti.com AM67, AM67A SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 63 Product Folder Links: AM67 AM67A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |