Electronic Components Datasheet Search
  English  ▼

X  

AM67A Datasheet(PDF) 71 Page - Texas Instruments

Part # AM67A
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67A Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM67A Datasheet HTML 67Page - Texas Instruments AM67A Datasheet HTML 68Page - Texas Instruments AM67A Datasheet HTML 69Page - Texas Instruments AM67A Datasheet HTML 70Page - Texas Instruments AM67A Datasheet HTML 71Page - Texas Instruments AM67A Datasheet HTML 72Page - Texas Instruments AM67A Datasheet HTML 73Page - Texas Instruments AM67A Datasheet HTML 74Page - Texas Instruments AM67A Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 237 page
background image
Table 5-57. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
VDDA_0P85_DLL_MMC0
PWR
MMC0 DLL analog supply
W9
VDDA_1P8_CSI_DSI
PWR
CSIRX and DSITX 1.8 V analog supply
W13, W16, Y13
VDDA_1P8_SERDES
PWR
SERDES 1.8 V analog supply
G13
VDDA_1P8_OLDI0
PWR
OLDI analog supply
W18, Y19
VDDA_1P8_USB0
PWR
USB 1.8 V analog supply
Y12
VDDA_1P8_USB1
PWR
USB 1.8 V analog supply
H16
VDDA_3P3_USB0
PWR
USB 3.3 V analog supply
Y11
VDDA_3P3_USB1
PWR
USB 3.3 V analog supply
G15
VDDA_CORE_CSI_DSI
PWR
CSIRX and DSITX Core supply
W15, Y15
VDDA_CORE_CSI_DSI_CLK
PWR
CSIRX and DSITX clock Core supply
Y16
VDDA_CORE_USB0
PWR
USB Core Supply
W11
VDDA_CORE_USB1
PWR
USB Core Supply
H15
VDDA_DDR_PLL0
PWR
DDR Deskew PLL analog supply
P9
VDDA_MCU
PWR
POR and MCU PLL analog supply
G11, H11
VDDA_PLL0
PWR
MAIN PLL analog supply
L15
VDDA_PLL1
PWR
PER0 PLL and PER1 PLL analog supply
K10
VDDA_PLL2
PWR
VIDEO PLL analog supply
M12
VDDA_PLL3
PWR
C7x PLL and DSS PLL analog supply
R11
VDDA_PLL4
PWR
ARM0 PLL and SMS PLL analog supply
V18
VDDA_PLL5
PWR
DDR PLL analog supply
P16
VDDA_TEMP0
PWR
TEMP0 analog supply
Y17
VDDA_TEMP1
PWR
TEMP1 analog supply
T11
VDDA_TEMP2
PWR
TEMP2 analog supply
L9
VDDR_CORE
PWR
Core Supply
M13, M19, N13, N19,
U10, U17, V10, V17
VDDSHV0
PWR
IO supply for IO group 0
G18, H18
VDDSHV1
PWR
IO supply for IO group 1
K20, L20
VDDSHV2
PWR
IO supply for IO group 2
T19, T20
VDDSHV3
PWR
IO supply for IO group 3
M20, P20, R20
VDDSHV5
PWR
IO supply for IO group 5
H19
VDDSHV6
PWR
IO supply for IO group 6
J21
VDDSHV_CANUART
PWR
IO supply for IO CANUART
H9
VDDSHV_MCU
PWR
IO supply for IO MCU
H10
VDDS_DDR
PWR
DDR PHY IO supply
AB1, D1, L7, L8, N7,
N8, T7, T8
VDDS_DDR_C
PWR
DDR clock IO supply
P8
VDDS_MMC0
PWR
MMC0 PHY IO supply
Y9
VDDS_OSC0
PWR
MCU_OSC0 supply
K8
VDD_CANUART
PWR
CANUART Core Supply
J8
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com