Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AC596 Datasheet HTML 1Page - Texas Instruments SN74AC596 Datasheet HTML 2Page - Texas Instruments SN74AC596 Datasheet HTML 3Page - Texas Instruments SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
18
17
GND
OE3
B3
Y3
V
CC
15
16
A1
B1
OE1
B2
Y2
C3
A3
D3
A2
OE2
10
9
D2
C2
D1
C1
20
19
Y1
Figure 4-1. PW or DGS Package, 20-Pin TSSOP or
VSSOP (Top View)
V
CC
C3
GND
A1
B1
OE2
A2
B2
Y2
D2
C2
OE1
Y1
D1
C1
OE3
A3
B3
Y3
D3
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
PAD
Figure 4-2. RKS Package, 20-Pin VQFN
(Transparent Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
OE1
1
I
Output enable input for Channel 1, active-low
A1
2
I
Channel 1, Input A
B1
3
I
Channel 1, Input B
OE2
4
I
Output enable input for Channel 2, active-low
A2
5
I
Channel 2, Input A
B2
6
I
Channel 2, Input B
Y2
7
O
Channel 2, Output Y
D2
8
I
Channel 2, Input D
C2
9
I
Channel 2, Input C
GND
10
G
Ground
C3
11
I
Channel 3, Input C
D3
12
I
Channel 3, Input D
Y3
13
O
Channel 3, Output Y
B3
14
I
Channel 3, Input B
A3
15
I
Channel 3, Input A
OE3
16
I
Output enable input for Channel 3, active-low
C1
17
I
Channel 1, Input C
D1
18
I
Channel 1, Input D
Y1
19
O
Channel 1, Output Y
VCC
20
P
Positive supply
Thermal Pad(2)
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power
(2)
RKS package only.
www.ti.com
SN74AC3G99
SCASE46 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74AC3G99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com