Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 2Page - Texas Instruments SN74AC596 Datasheet HTML 3Page - Texas Instruments SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOL
IOL = 50µA
1.5V
0.001
0.1
V
1.8V
0.001
0.1
2.5V
0.001
0.1
3V
0.001
0.1
4.5V
0.001
0.1
5.5V
0.001
0.1
IOL = 1mA
1.8V
0.36
IOL = 2mA
2.5V
0.5
IOL = 4mA
3V
0.5
IOL = 12mA
3V
0.5
IOL = 24mA
4.5V
0.5
IOL = 24mA
5.5V
0.5
IOL = 75mA(3)
5.5V
1.65
II
VI = 5.5V or GND
0V to 5.5V
±1
µA
IOZ
VO = VCC or GND
5.5V
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
2
µA
CI
VI = VCC or GND
5V
2
pF
CO
VO = VCC or GND
5V
4
pF
CPD (1) (2)
CL = 50pF, F = 1MHz
5V
57
pF
(1)
CPD is used to determine the dynamic power consumption, per channel
(2)
PD= VCC 2xFIx(CPD+ CL) where FI= input frequency, CL= output load capacitance, VCC= supply voltage
(3)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
5.6 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tplh
A, B, C
Y
1.5V
23.7
39.2
ns
tphl
A, B, C
Y
1.5V
23.6
37.6
ns
tplh
D
Y
1.5V
22
35.8
ns
tphl
D
Y
1.5V
22.5
35.4
ns
tpzl
OE
Y
1.5V
22.4
34.7
ns
tpzh
OE
Y
1.5V
22.9
36.2
ns
tplz
OE
Y
1.5V
15.9
23.1
ns
tphz
OE
Y
1.5V
19.1
28.4
ns
tplh
A, B, C
Y
1.8V
16.9
27.3
ns
tphl
A, B, C
Y
1.8V
17.2
26.9
ns
tplh
D
Y
1.8V
15.7
25
ns
tphl
D
Y
1.8V
16.5
25.6
ns
tpzl
OE
Y
1.8V
16.6
25.1
ns
tpzh
OE
Y
1.8V
16.7
25.6
ns
tplz
OE
Y
1.8V
11.9
16.9
ns
tphz
OE
Y
1.8V
14.1
20.5
ns
tplh
A, B, C
Y
2.5V
11
17.4
ns
tphl
A, B, C
Y
2.5V
11
16.8
ns
SN74AC3G99
SCASE46 – NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AC3G99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com