Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AC596 Datasheet HTML 1Page - Texas Instruments SN74AC596 Datasheet HTML 2Page - Texas Instruments SN74AC596 Datasheet HTML 3Page - Texas Instruments SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
20
109.6
51.8
71.4
8.9
70.7
-
°C/W
RKS (VQFN)
20
74.1
78.6
47.3
14.6
47.3
30.4
°C/W
DGS (VSSOP)
20
124.5
62.9
79.2
7.8
78.7
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VT+
Positive-going input threshold voltage
1.5V
0.71
0.9
1.06
V
1.8V
0.82
1.04
1.22
2.5V
1.08
1.3
1.51
3V
1.19
1.47
1.72
4.5V
1.61
1.98
2.37
5V
1.84
2.17
2.52
5.5V
1.87
2.33
2.82
VT-
Negative-going input threshold voltage
1.5V
0.33
0.48
0.68
V
1.8V
0.42
0.54
0.68
2.5V
0.59
0.7
0.8
3V
0.68
0.81
0.95
4.5V
0.98
1.15
1.36
5V
1.11
1.27
1.46
5.5V
1.14
1.36
1.63
ΔVT
Hysteresis (VT+ − VT−)
1.5V
0.31
0.44
0.66
V
1.8V
0.37
0.49
0.66
2.5V
0.45
0.6
0.74
3V
0.47
0.65
0.84
4.5V
0.62
0.83
1.06
5V
0.72
0.91
1.1
5.5V
0.71
0.97
1.23
VOH
IOH = -50µA
1.5V
1.4
1.499
V
1.8V
1.7
1.799
2.5V
2.4
2.499
3V
2.9
2.999
4.5V
4.4
4.499
5.5V
5.4
5.499
IOH = -1mA
1.8V
1.44
IOH = -2mA
2.5V
2
IOH = -4mA
3V
2.4
IOH = -12mA
3V
2.4
IOH = -24mA
4.5V
3.7
IOH = -24mA
5.5V
4.7
IOH = -75mA(3)
5.5V
3.85
www.ti.com
SN74AC3G99
SCASE46 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74AC3G99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com