Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 3Page - Texas Instruments SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tplh
D
Y
2.5V
10.4
16.2
ns
tphl
D
Y
2.5V
10.7
16.1
ns
tpzl
OE
Y
2.5V
11.5
16.8
ns
tpzh
OE
Y
2.5V
11.4
16.8
ns
tplz
OE
Y
2.5V
6
8.8
ns
tphz
OE
Y
2.5V
7.4
11
ns
tplh
A, B, C
Y
3.3V
9.3
14.5
ns
tphl
A, B, C
Y
3.3V
9.2
14
ns
tplh
D
Y
3.3V
8.7
13.5
ns
tphl
D
Y
3.3V
8.9
13.4
ns
tpzl
OE
Y
3.3V
9.8
14.1
ns
tpzh
OE
Y
3.3V
9.7
14
ns
tplz
OE
Y
3.3V
4.9
6.9
ns
tphz
OE
Y
3.3V
6.1
9
ns
tplh
A, B, C
Y
5V
6.9
10.6
ns
tphl
A, B, C
Y
5V
6.8
10.3
ns
tplh
D
Y
5V
6.5
10
ns
tphl
D
Y
5V
6.7
10.1
ns
tpzl
OE
Y
5V
7.5
10.4
ns
tpzh
OE
Y
5V
7.5
10.4
ns
tplz
OE
Y
5V
3.3
4.8
ns
tphz
OE
Y
5V
4.2
6.2
ns
5.7 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 5-1. Supply Current Across Input Voltage 1.8V and 2.5V
Supply
Figure 5-2. Supply Current Across Input Voltage 3.3V and 5.0V
Supply
www.ti.com
SN74AC3G99
SCASE46 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74AC3G99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com