Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM4643
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 28Page - Analog Devices LTM4643 Datasheet HTML 29Page - Analog Devices LTM4643 Datasheet HTML 30Page - Analog Devices LTM4643 Datasheet HTML 31Page - Analog Devices LTM4643 Datasheet HTML 32Page - Analog Devices LTM4643 Datasheet HTML 33Page - Analog Devices LTM4643 Datasheet HTML 34Page - Analog Devices LTM4643 Datasheet HTML 35Page - Analog Devices LTM4643 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
32 of 38
Typical Applications
Figure 37. 3.1VIN to 20VIN, 1V Output at 20A Design
Figure 38. 5VIN to 20VIN, 3.3V Output with 1MHz External Clock
VIN
RUN
INTVCC
MODE/CLKIN
COMPa
COMPb
LTM4640 VOUT
VOSNS
+
2 × 22µF
25V
5 × 100µF
6.3V
VIN
3.1V TO 20V
VOUT
1.0V,
20A
FB
15kΩ
33pF
GND
VOSNS–
0.1µF
TRACK/SS
PINS NOT USED IN THIS CIRCUIT:
CLKOUT, INTVCC, PGOOD, PHMODE
412kΩ
470µF
6.3V
1MHz CLOCK
+
2.21kΩ
2 × 22µF
25V
VIN
5V TO 20V
VOUT
3.3V, 20A
0.1µF
VIN
RUN
MODE/CLKIN
COMPa
COMPb
FREQ
VOUT
VOSNS+
FB
GND
LTM4640
VOSNS–
PINS NOT USED IN THIS CIRCUIT:
CLKOUT, INTVCC, PGOOD, PHMODE
TRACK/SS
2 × 47µF
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com