Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4643
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 1 Page - Analog Devices

  LTM4643 Datasheet HTML 1Page - Analog Devices LTM4643 Datasheet HTML 2Page - Analog Devices LTM4643 Datasheet HTML 3Page - Analog Devices LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Data Sheet
LTM4640
20VIN, 20A Step-Down DC-to-DC µModule Regulator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Complete Solution in <1cm2 (Single-Sided PCB)
or 0.5cm2 (Dual-Sided PCB)
Wide Input Voltage Range: 3.1V to 20V
0.6V to 3.3V Output Voltage
Up to 20A DC output current
±1.5% Maximum Total DC Output Voltage Error
Differential Remote Sensing Amplifier
Fast Transient Response
External Frequency Synchronization
Multiphase Parallel Current Sharing with up
to 4 × LTM4640s
Power Good Indicator
Overvoltage and Overtemperature Protection
49-Pin, 6.25mm × 6.25mm × 5.07mm, BGA package
Pin compatible with LTM4626, LTM4638, and
LTM4657
APPLICATIONS
Telecom, Datacom, Networking, and
Industrial Equipment
Medical Diagnostic Equipment
Data Storage Rack Units and Cards
Test and Debug Systems
GENERAL DESCRIPTION
The LTM4640 is a complete 20A step-down switching
mode power µModule® (micromodule) regulator in a
tiny 6.25mm × 6.25mm × 5.07mm BGA package. The
package includes the switching controller, the power
MOSFETs, an inductor, and the supporting
components. Operating over an input voltage range of
3.1V to 20V, the LTM4640 supports an output voltage
range of 0.6V to 3.3V, set by a single external resistor.
Its high-efficiency design delivers up to 20A continuous
output current. Only bulk input and output capacitors
are needed.
The LTM4640 supports selectable discontinuous-
conduction mode (DCM) operation and output voltage
tracking for supply rail sequencing. Its high switching
frequency and controlled on-time valley current mode
architecture enable a very fast transient response to
line and load changes without sacrificing stability.
Fault protection features include overvoltage and
overtemperature protection.
The LTM4640 is available with a RoHS-compliant
terminal finish.
TYPICAL APPLICATION
Figure 1. 20A, 1VOUT DC-to-DC Step-Down µModule Regulator
Figure 2. 1VOUT Efficiency vs. Load Current
15kΩ
2 × 22µF
25V
VIN
3.1V TO 20V
VOUT
1.0V, 20A
4 × 100µF
6.3V
0.1µF
VIN
RUN
INTVCC
MODE/CLKIN
COMPa
COMPb
VOUT
VOSNS+
FB
GND
LTM4640
VOSNS–
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT, FREQ,
PGOOD, PHMODE
TRACK/SS
VIN = 5V, 600kHz
VIN = 12V, 600kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
70
75
80
85
90
95


Similar Part No. - LTM4643

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Analog Devices
LTM4643 AD-LTM4643 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM4643 AD-LTM4643 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4643 AD-LTM4643 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
More results

Similar Description - LTM4643

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
20A DC/DC Module Step-Down Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com