Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4643
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices LTM4643 Datasheet HTML 21Page - Analog Devices LTM4643 Datasheet HTML 22Page - Analog Devices LTM4643 Datasheet HTML 23Page - Analog Devices LTM4643 Datasheet HTML 24Page - Analog Devices LTM4643 Datasheet HTML 25Page - Analog Devices LTM4643 Datasheet HTML 26Page - Analog Devices LTM4643 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
23 of 38
Temperature Monitoring
Measuring the absolute temperature of a diode is possible due to the relationship between current, voltage, and
temperature described by the classic diode Equation 12.
������������ = ������������ × ������
������������
η×������������
or
������������ = η × ������������ × ������������
������������
������������
(12)
where ID is the diode current, VD is the diode voltage, η is the ideality factor (typically close to 1), and IS (saturation
current) is a process-dependent parameter. The VT is broken out with Equation 13.
������������ =
������ × ������
q
(13)
where T is the diode junction temperature in Kelvin, q is the electron charge, and K is Boltzmann’s constant. The VT
is approximately 26mV at room temperature (298K) and scales linearly with Kelvin temperature. It is this linear
temperature relationship that makes diodes suitable temperature sensors. The IS term in Equation 13 is the
extrapolated current through a diode junction when the diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature, and must always be less than ID. Combining all the
constants into one term (see Equation 14).
������������ =
η × k
������
(14)
where KD = 8.62 × 10−5 V/K, assuming the ideality factor is 1 and knowing ln (ID/IS) is always positive because ID is
always greater than IS, leaves us with the results given in Equation 15.
������������ = ������(������������������������������������) × ������������ × ������������
������������
������������
(15)
It should be noted that as the temperature increases, the IS term increases more quickly, and thus, the ln (ID/IS)
absolute value reduces faster, yielding a negative coefficient of diode voltage vs. temperature, which is an
approximate –2mV/°C temperature relationship as shown in Figure 24.
Figure 24. Diode Voltage VD vs. Temperature T(°C)
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.3
0.4
0.5
0.6
0.7
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com