Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4643
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 12Page - Analog Devices LTM4643 Datasheet HTML 13Page - Analog Devices LTM4643 Datasheet HTML 14Page - Analog Devices LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices LTM4643 Datasheet HTML 17Page - Analog Devices LTM4643 Datasheet HTML 18Page - Analog Devices LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
16 of 38
Figure 18. 2-Phase Parallel Configurations
Input Decoupling Capacitors
The LTM4640 should be connected to a low AC impedance DC source. For the regulator, a 22µF input ceramic
capacitor is required for root mean square (RMS) ripple current decoupling. Bulk input capacitance is only needed
when the input source impedance is compromised by long inductive leads, traces, or not enough source
capacitance. The bulk capacitor is an aluminum electrolytic capacitor or polymer capacitor.
Without considering the inductor ripple current, the RMS current of the input capacitor is estimated with
Equation 4.
������������������������(������������������) =
������������������������(������������������)
η%
× √
������������������������ × (������������������ − ������������������������)
������������������
2
(4)
where η% is the estimated efficiency of the power μModule regulator.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth design, only a single low equivalent series resistance (ESR)
output ceramic capacitor is required for the LTM4640 to achieve low output ripple voltage and very good transient
response. In extreme cold or hot temperatures, or high output voltage cases, an additional ceramic capacitor or a
tantalum-polymer capacitor is required because of the variation of the actual capacitance over bias voltage and
temperature. Table 12 shows a matrix of different output voltages and output capacitors to minimize the voltage
droop and overshoot during a 5A load-step transient. Additional output filtering may be required by the system
designer if further reduction of output ripple or dynamic transient spikes is required. The Analog Devices
LTpowerCAD® design tool is available to download online for output ripple, stability, and transient response
analysis for further optimization.
Discontinuous-Conduction Mode
In applications where low output ripple and high efficiency at intermediate current are desired, discontinuous-
conduction mode (DCM) should be used by connecting the MODE/CLKIN pin to GND. At light loads, the internal
current comparator may remain tripped for several cycles and force the top MOSFET to stay off for several cycles,
thus skipping cycles. The inductor current does not reverse in this mode.
COMPa
COMPb
1.2V,
40A
VOUT
VOSNS
+
VOSNS
–
FB
TRACK/SS
COMPa
VOUT
VOSNS
+
VOSNS
–
FB
TRACK/SS
0.1µF
RFB
10kΩ
LTM4640
COMPb
CLKOUT
MODE/CLKIN
LTM4640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com